Electronic Components Datasheet Search
  English  ▼

X  

SC4612 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC4612
Description  Wide Input Range High Performance Synchronous Buck Switching Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4612 Datasheet(HTML) 3 Page - Semtech Corporation

  SC4612 Datasheet HTML 1Page - Semtech Corporation SC4612 Datasheet HTML 2Page - Semtech Corporation SC4612 Datasheet HTML 3Page - Semtech Corporation SC4612 Datasheet HTML 4Page - Semtech Corporation SC4612 Datasheet HTML 5Page - Semtech Corporation SC4612 Datasheet HTML 6Page - Semtech Corporation SC4612 Datasheet HTML 7Page - Semtech Corporation SC4612 Datasheet HTML 8Page - Semtech Corporation SC4612 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
 2007 Semtech Corp.
www.semtech.com
SC4612
POWER MANAGEMENT
VIN = VDD = 12V, F
OSC = 600kHz, TA = TJ = -40°C to 125°C.
Unless otherwise specified:
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tn
i
Mp
y
Tx
a
Ms
t
i
n
U
y
l
p
p
u
S
s
a
i
B
D
D
V
8
2V
t
n
e
r
r
u
C
t
n
e
c
s
e
i
u
QV
D
D
0
=
N
E
/
S
S
,
d
a
o
l
o
N
,
V
8
2
=
57
A
m
t
u
o
k
c
o
L
e
g
a
t
l
o
v
r
e
d
n
U
D
D
V
d
l
o
h
s
e
r
h
T
t
r
a
t
S
0
2
.
40
5
.
45
7
.
4V
s
i
s
e
r
e
t
s
y
H
O
L
V
U
0
0
4V
m
r
o
t
a
l
u
g
e
R
e
v
i
r
D
V
R
DV
0
1
≤ V
D
D
≤
I
,
V
8
2
T
U
O
≤
A
m
1
3
.
78
.
73
.
8V
n
o
it
a
l
u
g
e
R
d
a
o
LA
m
1
≤ I
O ≤
A
m
0
0
1
0
0
1V
m
r
o
t
a
ll
i
c
s
O
e
g
n
a
R
y
c
n
e
u
q
e
r
F
n
o
it
a
r
e
p
O
0
0
10
0
2
1z
H
k
y
c
a
r
u
c
c
A
l
a
it
i
n
I
)
1
(
C
C
S
O
)
y
l
n
o
f
e
R
(
F
p
0
6
1
=
0
4
50
0
60
6
6z
H
k
e
l
c
y
C
y
t
u
D
m
u
m
i
x
a
M
)
2
(
5
8%
y
e
ll
a
V
o
t
k
a
e
P
p
m
a
R
)
1
(
0
5
8V
m
t
n
e
r
r
u
C
e
g
r
a
h
C
r
o
t
a
ll
i
c
s
O
0
90
1
1A
µ
)
n
o
s
d
R
e
d
i
S
w
o
L
(
t
i
m
i
L
t
n
e
r
r
u
C
e
g
a
tl
o
V
d
l
o
h
s
e
r
h
T
ti
m
i
L
t
n
e
r
r
u
CV
T
U
O
V
5
,
V
3
.
3
,
V
m
0
0
5
=0
0
1V
m
r
e
i
f
il
p
m
A
r
o
r
r
E
e
g
a
tl
o
V
k
c
a
b
d
e
e
FT
J
C
°
0
7
+
o
t
0
=5
9
4
.
00
0
5
.
05
0
5
.
0V
T
J
C
°
5
8
+
o
t
0
4
-
=2
9
4
.
00
0
5
.
08
0
5
.
0V
T
J
C
°
5
2
1
+
o
t
0
4
-
=8
8
4
.
00
0
5
.
02
1
5
.
0V
t
n
e
r
r
u
C
s
a
i
B
t
u
p
n
IV
5
.
0
=
B
F0
0
2A
n
n
i
a
G
p
o
o
L
n
e
p
O
)
1
(
0
6B
d
h
t
d
i
w
d
n
a
B
n
i
a
G
y
ti
n
U
)
1
(
70
1z
H
M
t
n
e
r
r
u
C
k
n
i
S
t
u
p
t
u
OV
0
=
B
F
,
p
o
o
L
n
e
p
O0
0
9A
µ
t
n
e
r
r
u
C
e
c
r
u
o
S
t
u
p
t
u
OV
6
.
0
=
B
F
,
p
o
o
L
n
e
p
O0
0
1
1A
µ
e
t
a
R
w
e
l
S
)
1
(
1s
µ
/
V
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com