Electronic Components Datasheet Search
  English  ▼

X  

SC4612 Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC4612
Description  Wide Input Range High Performance Synchronous Buck Switching Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4612 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC4612 Datasheet HTML 3Page - Semtech Corporation SC4612 Datasheet HTML 4Page - Semtech Corporation SC4612 Datasheet HTML 5Page - Semtech Corporation SC4612 Datasheet HTML 6Page - Semtech Corporation SC4612 Datasheet HTML 7Page - Semtech Corporation SC4612 Datasheet HTML 8Page - Semtech Corporation SC4612 Datasheet HTML 9Page - Semtech Corporation SC4612 Datasheet HTML 10Page - Semtech Corporation SC4612 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7
 2007 Semtech Corp.
www.semtech.com
SC4612
POWER MANAGEMENT
Pin Descriptions
#
n
i
P
D
P
L
M
#
n
i
P
C
I
O
S
e
m
a
N
n
i
Pn
o
i
t
c
n
u
F
n
i
P
7
,
1C
N.
n
o
it
c
e
n
n
o
c
o
N
12
M
I
L
I
t
n
e
r
r
u
c
l
a
n
r
e
t
n
i
n
a
h
ti
w
n
o
it
c
n
u
j
n
o
c
n
i
)
3
R
&
2
R
(
s
r
o
t
s
i
s
e
r
g
n
i
m
a
r
g
o
r
p
ti
m
il
t
n
e
r
r
u
c
e
h
T
N
O
-
S
D
R
T
E
F
S
O
M
e
d
i
s
w
o
l
e
h
t
r
o
f
d
l
o
h
s
e
r
h
t
t
i
m
il
t
n
e
r
r
u
c
e
h
t
m
a
r
g
o
r
p
,
e
c
r
u
o
s
p
o
r
d
e
h
t
n
a
h
t
r
e
g
r
a
l
s
i
T
E
F
S
O
M
e
d
i
s
w
o
L
e
h
t
s
s
o
r
c
a
p
o
r
d
e
g
a
tl
o
v
e
h
t
e
c
n
O
.
g
n
i
s
n
e
s
ti
m
il
t
n
e
r
r
u
c
p
u
c
c
i
h
e
h
t
d
n
a
,
s
r
u
c
c
o
n
o
it
i
d
n
o
c
ti
m
il
t
n
e
r
r
u
c
,
e
u
l
a
v
d
e
m
m
a
r
g
o
r
p
e
h
t
s
s
o
r
c
a
.
d
e
t
a
v
it
c
a
s
i
n
o
it
c
e
t
o
r
p
23
C
S
O
r
o
t
a
ll
i
c
s
o
e
h
t
m
a
r
g
o
r
p
ll
i
w
D
N
G
o
t
r
o
ti
c
a
p
a
c
l
a
n
r
e
t
x
e
n
A
.
n
i
p
t
e
s
y
c
n
e
u
q
e
r
F
r
o
t
a
ll
i
c
s
O
C
.
s
v
y
c
n
e
u
q
e
r
F
"
e
l
b
a
T
e
e
S
.
y
c
n
e
u
q
e
r
f
C
S
O
r
o
t
a
ll
i
c
s
o
e
n
i
m
r
e
t
e
d
o
t
4
1
e
g
a
p
n
o
"
.
y
c
n
e
u
q
e
r
f
34
N
E
/
S
S
ll
i
w
r
o
ti
c
a
p
a
c
l
a
n
r
e
t
x
e
e
l
g
n
i
s
a
o
t
d
e
t
c
e
n
n
o
c
e
c
r
u
o
s
t
n
e
r
r
u
c
l
a
n
r
e
t
n
I
.
n
i
p
t
r
a
t
s
tf
o
S
.
n
w
o
d
d
e
ll
u
p
fi
p
i
h
c
e
h
t
s
ti
b
i
h
n
I
.t
u
p
t
u
o
e
h
t
r
o
f
n
o
it
a
r
u
d
t
r
a
t
s
-
tf
o
s
e
h
t
e
n
i
m
r
e
t
e
d
45
O
A
E
.
B
F
o
t
n
i
p
s
i
h
t
m
o
r
f
d
e
t
c
e
n
n
o
c
s
i
k
r
o
w
t
e
n
n
o
it
a
s
n
e
p
m
o
c
A
.t
u
p
t
u
o
r
e
if
il
p
m
A
r
o
r
r
E
58
B
F
t
u
p
t
u
o
e
h
t
e
s
n
e
s
o
t
d
e
s
u
s
i
n
i
p
k
c
a
b
d
e
e
F
.r
e
if
il
p
m
a
r
o
r
r
e
e
h
t
f
o
t
u
p
n
i
g
n
it
r
e
v
n
i
e
h
T
.r
e
d
i
v
i
d
e
v
it
s
i
s
e
r
a
a
i
v
e
g
a
tl
o
v
66
D
D
V
e
s
a
b
e
h
t
e
d
i
v
o
r
p
o
t
d
e
s
u
y
ll
a
it
i
n
i
s
i
n
i
p
D
D
V
,
V
8
2
o
t
V
5
.
4
m
o
r
f
g
n
i
g
n
a
r
y
l
p
p
u
s
s
a
i
B
.
V
R
D
e
h
t
e
t
a
l
u
g
e
r
o
t
r
o
t
s
i
s
n
a
r
t
s
s
a
p
l
a
n
r
e
t
n
i
e
h
t
o
t
e
v
ir
d
79
D
N
G.
d
n
u
o
r
G
80
1L
D.
T
E
F
S
O
M
m
o
tt
o
b
r
o
f
e
v
ir
d
e
t
a
G
.
)
w
o
L
e
v
ir
D
(
l
a
n
g
i
s
L
D
91
1V
R
D
n
i
p
s
i
h
T
.
y
r
ti
u
c
r
i
c
g
o
l
a
n
a
p
i
h
c
e
h
t
d
n
a
,
e
v
ir
d
e
t
a
g
s
T
E
F
S
O
M
t
u
p
t
u
o
e
h
t
s
e
il
p
p
u
s
V
R
D
d
e
t
a
l
u
g
e
r
y
ll
a
n
r
e
t
n
i
s
i
V
R
D
.
D
N
G
o
t
r
o
ti
c
a
p
a
c
c
i
m
a
r
e
c
F
µ
2
.
2
a
h
ti
w
d
e
s
s
a
p
y
b
e
b
d
l
u
o
h
s
e
b
d
l
u
o
c
y
l
p
p
u
s
e
h
t
,
V
0
1
w
o
l
e
b
s
i
D
D
V
fI
.
D
D
V
o
t
d
e
t
c
e
n
n
o
c
y
l
p
p
u
s
l
a
n
r
e
t
x
e
e
h
t
m
o
r
f
.
n
i
p
V
R
D
e
h
t
o
t
d
e
t
c
e
n
n
o
c
y
lt
c
e
r
i
d
0
12
1T
S
B
y
l
p
p
u
s
l
a
n
r
e
t
x
e
n
a
o
t
d
e
t
c
e
n
n
o
c
y
lt
c
e
r
i
d
e
b
n
a
c
;
r
e
v
ir
d
e
d
i
s
h
g
i
h
r
o
f
y
l
p
p
u
S
.l
a
n
g
i
s
T
S
B
.t
i
u
c
r
i
c
p
a
r
t
s
t
o
o
b
a
o
t
r
o
1
13
1H
D.
T
E
F
S
O
M
p
o
t
r
o
f
e
v
ir
d
e
t
a
G
.
)
h
g
i
H
e
v
ir
D
(
l
a
n
g
i
s
H
D
2
14
1E
S
A
H
P
e
s
a
h
p
e
h
t
t
a
e
g
a
tl
o
v
e
h
t
e
s
n
e
s
o
t
d
e
s
u
o
s
l
a
,
e
v
ir
d
e
t
a
g
e
d
i
s
h
g
i
h
e
h
t
r
o
f
h
t
a
p
n
r
u
t
e
r
e
h
T
.
g
n
i
s
n
e
s
e
g
a
tl
o
v
N
O
-
S
D
R
e
d
i
s
-
w
o
l
e
h
t
d
n
a
,
n
o
it
c
e
t
o
r
p
e
v
ir
d
e
t
a
g
e
v
it
p
a
d
a
r
o
f
e
d
o
n
X-
L
A
M
R
E
H
T
)
D
N
G
(
D
A
P
.
s
a
i
v
e
l
p
it
l
u
m
g
n
i
s
u
e
n
a
l
p
d
n
u
o
r
g
o
t
t
c
e
n
n
o
C
.
s
e
s
o
p
r
u
p
g
n
i
k
n
i
s
t
a
e
h
r
o
f
d
a
P
SS
SS
SS
I
2
.
1
X
C
T
≈



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com