Electronic Components Datasheet Search
  English  ▼

X  

SC4612 Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC4612
Description  Wide Input Range High Performance Synchronous Buck Switching Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4612 Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC4612 Datasheet HTML 8Page - Semtech Corporation SC4612 Datasheet HTML 9Page - Semtech Corporation SC4612 Datasheet HTML 10Page - Semtech Corporation SC4612 Datasheet HTML 11Page - Semtech Corporation SC4612 Datasheet HTML 12Page - Semtech Corporation SC4612 Datasheet HTML 13Page - Semtech Corporation SC4612 Datasheet HTML 14Page - Semtech Corporation SC4612 Datasheet HTML 15Page - Semtech Corporation SC4612 Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
12
 2007 Semtech Corp.
www.semtech.com
SC4612
POWER MANAGEMENT
where,
V
IN – Input voltage
R
L – Load resistance
L – Output inductance
C – Output capacitance
ESR
C – Output capacitor ESR
V
S – Peak to peak ramp voltage
The classical Type III compensation network can be built
around the error amplifier as shown below:
R3
C3
R2
R1
C1
Vref
C2
-
+
Figure 1. Voltage mode buck converter compensation
network
The transfer function of the compensation network is as
follows:
)
s
1
)(
s
1
(
)
s
1
)(
s
1
(
s
)
s
(
G
2
P
1
P
2
Z
1
Z
I
COMP
ω
+
ω
+
ω
+
ω
+
⋅
ω
=
where,
Cout
Lout
1
,
C
)
R
R
(
1
,
C
R
1
o
2
3
1
2
Z
1
2
1
Z
×
=
ω
+
=
ω
=
ω
3
1
3
1
2
2
P
2
3
1
P
3
1
1
I
C
C
C
C
R
1
,
C
R
1
,
)
C
C
(
R
1
+
=
ω
=
ω
+
=
ω
Applications Information (Cont.)
Gate Drive/Control
The SC4612 also provides integrated high current gate
drives for fast switching of large MOSFETs. The high side
and low side MOSFET gates could be switched with a peak
gate current of 1.7A. The higher gate current will reduce
switching losses of the larger MOSFETs.
The low side gate drives are supplied directly from the DRV.
The high side gate drives could be provided with the clas-
sical bootstrapping technique from DRV.
Cross conduction prevention circuitry ensures a non over-
lapping (30ns typical) gate drive between the top and bot-
tom MOSFETs. This prevents shoot through losses which
provides higher efficiency. Typical total minimum off time
for the SC4612 is about 30ns which will cause the maxi-
mum duty cycle at higher frequencies to be limited to lower
than 100%.
OVERVOLTAGE PROTECTION
If the FB pin ever exceeds 600mV, the top side driver is
latched OFF, and the low side driver is latched ON. This
mode can only be reset by power supply cycling.
ERROR AMPLIFIER DESIGN
The SC4612 is a voltage mode buck controller that utilizes
an externally compensated high bandwidth error amplifier
to regulate output voltage. The power stage of the
synchronous rectified buck converter control-to-output
transfer function is as shown below:
+
+
+
×
=
LC
2
s
L
R
L
s
1
C
C
sESR
1
S
V
IN
V
)
s
(
VD
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com