Electronic Components Datasheet Search
  English  ▼

X  

SC4612 Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC4612
Description  Wide Input Range High Performance Synchronous Buck Switching Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4612 Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC4612 Datasheet HTML 5Page - Semtech Corporation SC4612 Datasheet HTML 6Page - Semtech Corporation SC4612 Datasheet HTML 7Page - Semtech Corporation SC4612 Datasheet HTML 8Page - Semtech Corporation SC4612 Datasheet HTML 9Page - Semtech Corporation SC4612 Datasheet HTML 10Page - Semtech Corporation SC4612 Datasheet HTML 11Page - Semtech Corporation SC4612 Datasheet HTML 12Page - Semtech Corporation SC4612 Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
9
 2007 Semtech Corp.
www.semtech.com
SC4612
POWER MANAGEMENT
Applications Information
INTRODUCTION
The SC4612 is a versatile voltage mode synchronous
rectified buck PWM convertor, with an input supply (VIN)
ranging from 4.5V to 28V designed to control and drive
N-channel MOSFETs.
The power dissipation is controlled using a novel low volt-
age supply technique, allowing high speed and integra-
tion with the high drive currents to ensure low MOSFET
switching loss. The synchronous buck configuration also
allows converter sinking current from load without losing
output regulation.
The internal reference is trimmed to 500mV with ± 1%
accuracy, and the output voltage can be adjusted by two
external resistors.
A fixed oscillator frequency (up to 1.2MHz) can be
programmed by an external capacitor for an optimized
design.
During the Asynchronous start up, the SC4612 provides a
top MOSFET shut down over current protection, while under
normal operating conditions a low side MOSFET R
DS-ON
current sensing with hiccup mode over current protection,
minimizes power dissipation and provides further
protection.
Other features of the SC4612 include:
Wide input power voltage range (from 4.5V to 28V), low
output voltages down to 500mV, externally programmable
soft-start, hiccup over current protection, wide duty cycle
range, thermal shutdown, asynchronous start-up
protection, and a -40 to 125°C junction operating
temperature range.
THEORY OF OPERATION
SUPPLIES
Two pins (VDD and DRV) are used to power up the SC4612.
If input supply (VDD) is less than 10V (MAX), tie DRV and
VDD together.
This supply should be bypassed with a low ESR 2.2uF (or
greater) ceramic capacitor directly at the DRV to GND pins
of the SC4612.
The DRV supply also provides the bias for the low and the
high side MOSFET gate drive.
The maximum rating for DRV supply is 10V and for
applications where input supply is below 10V, it may be
connected directly to VDD.
START UP SEQUENCE
Start up is inhibited until VDD input reaches its UVLO
threshold. The UVLO limit is 4.5V (TYP).
Meanwhile, the high side and low side gate drivers DH,
and DL, are kept low. Once VDD exceeds the UVLO
threshold, the external soft-start capacitor starts to be
charged by a 25µA current source. If an over current
condition occurs, the SS/EN pin will discharge to 500mV
by an internal switch. During this time, both DH and DL
will be turned off.
When the SS pin reaches 0.8V, the converter will start
switching. The reference input of the error amplifier is
ramped up with the soft-start signal. Initially only the high
side driver is enabled. Keeping the low side MOSFET off
during start up is useful where multiple convertors are
operating in parallel. It prevents forward conduction in the
freewheeling MOSFET which might otherwise cause a dip
in the common output bus.
In case of over current condition which is longer than 10
cycles during the asynchronous start up, SC4612 will turn
off the high side MOSFET gate drive, and the soft-start
sequence will repeat.
When the SS pin reaches 1.3V, the low side MOSFET will
begin to switch and the convertor is fully operational in
the synchronous mode. The soft-start duration is
controlled by the value of the SS cap. If the SS pin is pulled
below 0.5V, the SC4612 is disabled and draws a typical
quiescent current of 5mA.
Bias Generation
A 4.5V to 10V (MAX) supply voltage is required to power
up the SC4612. This voltage could be provided by an ex-
ternal power supply or derived from VDD (VDD >10V)
through an internal pass transistor.
The internal pass transistor will regulate the DRV from an
external supply >10V connected to VDD to produce 7.8V
(TYP) at the DRV pin.
Soft start / Shut down
An external capacitor at the SS/EN pin is used to set up
the soft-start duration. The capacitor value in conjunction
with the internal current source, controls the duration of
soft-start time. If the SS/EN pin is pulled down to GND,
the SC4612 is disabled. The soft-start pin is charged by a
25µA current source and discharged by an internal switch.
When SS/EN is released it charges up to 0.5V as the con-
trol circuit starts up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com