Electronic Components Datasheet Search
  English  ▼

X  

SC194B Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC194B
Description  Selectable 3.6V/3.3V/3.0V/2.5V 1A Synchronous Buck Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC194B Datasheet(HTML) 5 Page - Semtech Corporation

  SC194B Datasheet HTML 1Page - Semtech Corporation SC194B Datasheet HTML 2Page - Semtech Corporation SC194B Datasheet HTML 3Page - Semtech Corporation SC194B Datasheet HTML 4Page - Semtech Corporation SC194B Datasheet HTML 5Page - Semtech Corporation SC194B Datasheet HTML 6Page - Semtech Corporation SC194B Datasheet HTML 7Page - Semtech Corporation SC194B Datasheet HTML 8Page - Semtech Corporation SC194B Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
© 2006 Semtech Corp.
www.semtech.com
SC194B
POWER MANAGEMENT
Pin Descriptions
Pin #
Pin Name
Pin Function
1
VIN
Input power supply voltage
2
MODE
MODE select pin where MODE = V
IN to select 100% duty cycle function and MODE = GND to
disable
3
SYNC/PWM
Oscillator synchronization input
— Tie to V
IN for forced PWM mode or GND to allow the part to
enter PSAVE mode at light loads. Apply an external clock signal for frequency synchronization.
4EN
Enable digital input
— A high input enables the SC194B, a low disables and reduces quiescent
current to less than 1μA. In shutdown, LX becomes high impedance.
5
VOUT
Regulated output voltage and feedback for SC194B
6
VID0
Logic level bit 0 is used in conjunction with VID1 to set the output voltage. Connect high or low
as required to select the desired output voltage. If not connected, the output voltage will be
indeterminate.
7
VID1
Logic level bit 1 is used in conjunction with VID0 to set the output voltage. Connect high or low
as required to select the desired output voltage. If not connected, the output voltage will be
indeterminate.
8
GND
Ground
9
PGND
Power Ground
10
LX
Inductor connection to the switching FETs
T
THERMAL
PAD
Pad is for heatsinking purposes
— not connected internally. Connect exposed pad to ground
plane using multiple vias.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com