Electronic Components Datasheet Search
  English  ▼

X  

SC194B Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC194B
Description  Selectable 3.6V/3.3V/3.0V/2.5V 1A Synchronous Buck Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC194B Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC194B Datasheet HTML 6Page - Semtech Corporation SC194B Datasheet HTML 7Page - Semtech Corporation SC194B Datasheet HTML 8Page - Semtech Corporation SC194B Datasheet HTML 9Page - Semtech Corporation SC194B Datasheet HTML 10Page - Semtech Corporation SC194B Datasheet HTML 11Page - Semtech Corporation SC194B Datasheet HTML 12Page - Semtech Corporation SC194B Datasheet HTML 13Page - Semtech Corporation SC194B Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
© 2006 Semtech Corp.
www.semtech.com
SC194B
POWER MANAGEMENT
PCB Layout Considerations
Poor layout can degrade the performance of the DC-DC
converter and can contribute to EMI problems, ground
bounce and resistive voltage losses. Poor regulation and
instability can result.
A few simple design rules can be implemented to ensure
good layout:
Place the inductor and filter capacitors as close to the
device as possible and use short wide traces between
the power components.
1.
Applications Information (Cont.)
Route the output voltage feedback path away from the
inductor and LX node to minimize noise and magnetic
interference.
Maximize ground metal on the component side to
improve the return connection and thermal dissipation.
Separation between the LX node and GND should be
maintained to avoid coupling of switching noise to the
ground plane.
Use a ground plane with several vias connecting to
the component side ground to further reduce noise
interference on sensitive circuit nodes.
2.
3.
4.
GND
VIN
LX
LOUT
COUT
GND
CIN
SC194B
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com