Electronic Components Datasheet Search
  English  ▼

X  

SC194B Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC194B
Description  Selectable 3.6V/3.3V/3.0V/2.5V 1A Synchronous Buck Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC194B Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC194B Datasheet HTML 5Page - Semtech Corporation SC194B Datasheet HTML 6Page - Semtech Corporation SC194B Datasheet HTML 7Page - Semtech Corporation SC194B Datasheet HTML 8Page - Semtech Corporation SC194B Datasheet HTML 9Page - Semtech Corporation SC194B Datasheet HTML 10Page - Semtech Corporation SC194B Datasheet HTML 11Page - Semtech Corporation SC194B Datasheet HTML 12Page - Semtech Corporation SC194B Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9
© 2006 Semtech Corp.
www.semtech.com
SC194B
POWER MANAGEMENT
Applications Information (Cont.)
Capacitors with X7R or X5R ceramic dielectric are
strongly recommended for their low ESR and superior
temperature and voltage characteristics. Y5V capacitors
should not be used as their temperature coefficients
make them unsuitable for this application. Table 2 lists
the manufacturers of recommended capacitor options.
Note: Where PSAVE operation is required 22μF must be used for C
OUT.
Table 2 — Recommended Capacitors
Manufacturer/Part No.
Value
(μF)
Rated
Voltage
(VDC)
Temperature
Characteristic
Case Size
Murata
GRM21BR60J226ME39L
22
6.3
X5R
0805
Murata
GRM188R60J106MKE19
10
6.3
X5R
0603
TDK
C2012X5R0J106K
10
6.3
X5R
0603
Final inductor selection will depend on various design
considerations such as efficiency, EMI, size and cost.
Table 1 lists the manufacturers of practical inductor
options.
Table 1 — Recommended Inductors
Manufacturer/Part No.
Value
(μH)
DCR
(Ω)
Saturation
Current
(A)
Tolerance
(+%)
Dimensions
LxWxH
(mm)
BI Technologies
HM66304R7
4.7
0.072
1.32
20
4.7 × 4.7 ×3.0
Coilcraft
D01608C-472ML
4.7
0.09
1.5
20
6.6 × 4.5 ×3.0
TDK
VLCF4018T- 4R7N1R0-2
4.7
0.101
1.07
30
4.3 × 4.0 ×1.8
C
IN Selection
The source input current to a buck converter is non-
continuous. To prevent large input voltage ripple a low
ESR ceramic capacitor is required. A minimum value of
10μF should be used for sufficient input voltage filtering
and a 22μF should be used for improved input voltage
filtering.
C
OUT Selection
The internal compensation is designed to work with a
certain output filter corner frequency defined by the
equation:
This single pole filter is designed to operate with a
minimum output capacitor value of 10μF. Larger output
capacitor values will improve transient performance.
If PSAVE operation is required the minimum capacitor
value is 22μF.
Output voltage ripple is a combination of the voltage
ripple from the inductor current charging and discharging
the output capacitor and the voltage created from the
inductor current ripple through the output capacitor ESR.
Selecting an output capacitor with a low ESR will reduce
the output voltage ripple component, as can be seen in
the following equation:
OUT
C
C
L
f
2
1
OUT
C
C
L
f
2
1
COUT
L(ripple)
OUT(ESR)
ESR
I
V
COUT
L(ripple)
OUT(ESR)
ESR
I
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com