Electronic Components Datasheet Search
  English  ▼

X  

SC194B Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC194B
Description  Selectable 3.6V/3.3V/3.0V/2.5V 1A Synchronous Buck Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC194B Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC194B Datasheet HTML 7Page - Semtech Corporation SC194B Datasheet HTML 8Page - Semtech Corporation SC194B Datasheet HTML 9Page - Semtech Corporation SC194B Datasheet HTML 10Page - Semtech Corporation SC194B Datasheet HTML 11Page - Semtech Corporation SC194B Datasheet HTML 12Page - Semtech Corporation SC194B Datasheet HTML 13Page - Semtech Corporation SC194B Datasheet HTML 14Page - Semtech Corporation SC194B Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11
© 2006 Semtech Corp.
www.semtech.com
SC194B
POWER MANAGEMENT
Efficiency vs. Load Current V
OUT = 3.6V
Efficiency vs. Load Current V
OUT = 3.3V
Efficiency vs. Load Current V
OUT = 2.5V
Efficiency vs. Input Voltage V
OUT = 3.3V
Efficiency vs. Load Current V
OUT = 3.0V
Typical Characteristics
0
10
20
30
40
50
60
70
80
90
100
0.0001
0.001
0.01
0.1
1
10
IOUT (A)
VIN=3.9V, PSAVE
VIN=4.2V, PSAVE
VIN=5.0V, PSAVE
VIN=3.9V, PWM
VIN=5.0V, PWM
VIN=4.2V, PWM
0
10
20
30
40
50
60
70
80
90
100
0.0001
0.001
0.01
0.1
1
10
IOUT (A)
VIN=4.2V, PWM
VIN=3.9V, PWM
VIN=5.0V, PWM
VIN=3.9V, PSAVE
VIN=4.2V, PSAVE
VIN=5.0V, PSAVE
0
10
20
30
40
50
60
70
80
90
100
0.0001
0.001
0.01
0.1
1
10
IOUT (A)
VIN=3.6V, PSAVE
VIN=4.2V, PWM
VIN=4.2V, PSAVE
VIN=5.0V, PSAVE
VIN=3.6V, PWM
VIN=5.0V, PWM
0
10
20
30
40
50
60
70
80
90
100
0.0001
0.001
0.01
0.1
1
10
IOUT (A)
VIN=5.0V, PWM
VIN=3.3V, PSAVE
VIN=4.2V, PSAVE
VIN=5.0V, PSAVE
VIN=4.2V, PWM
VIN=3.3V, PWM
70
75
80
85
90
95
100
2.5
3
3.5
4
4.5
5
5.5
6
Vin (V)
VOUT=3.3V,PWM
VOUT=2.5V,PWM
VOUT=2.5V,PSAVE
VOUT=3.3V,PSAVE
PWM to PSAVE Hysteresis
90
91
92
93
94
95
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
PSAVE
Entry
IOUT
Decreasing
PWM
Mode
PSAVE
EXIT
IOUT
Increasing
IOUT (A)
I
OUT=500 mA(PWM)/50 mA(PSAVE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com