Electronic Components Datasheet Search
  English  ▼

X  

SC194B Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC194B
Description  Selectable 3.6V/3.3V/3.0V/2.5V 1A Synchronous Buck Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC194B Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC194B Datasheet HTML 8Page - Semtech Corporation SC194B Datasheet HTML 9Page - Semtech Corporation SC194B Datasheet HTML 10Page - Semtech Corporation SC194B Datasheet HTML 11Page - Semtech Corporation SC194B Datasheet HTML 12Page - Semtech Corporation SC194B Datasheet HTML 13Page - Semtech Corporation SC194B Datasheet HTML 14Page - Semtech Corporation SC194B Datasheet HTML 15Page - Semtech Corporation SC194B Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
12
© 2006 Semtech Corp.
www.semtech.com
SC194B
POWER MANAGEMENT
V
OUT vs. VIN
V
OUT vs. Temperature
Load Regulation
Typical Characteristics
Quiescent Current vs. Input Voltage
PSAVE Mode
12
13
14
15
16
17
18
19
20
21
22
2.5
3
3.5
4
4.5
55.5
6
VIN(V)
TA=85°C
TA=25°C
TA=-40°C
Quiescent Current vs. Input Voltage
PWM Mode
3
3.5
4
4.5
5
5.5
6
2.5
3
3.5
4
4.5
55.5
6
VIN (V)
TA=85°C
TA=-40°C
TA=25°C
N-Channel R
DSON vs. Input Voltage
0.10
0.12
0.14
0.16
0.18
0.20
0.22
2.7
3.2
3.7
4.2
4.7
5.2
VIN (V)
TA=85°C
TA=25°C
TA=-40°C
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
2.5
3
3.5
4
4.5
5
5.5
6
VIN (V)
VOUT=3.3V,PSAVE
VOUT=2.5V,PWM
VOUT=2.5V,PSAVE
VOUT=3.3V,PWM
Vin=5V, Vout=3.3V,PWM
3.278
3.28
3.282
3.284
3.286
3.288
3.29
3.292
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
IOUT (A)
VOUT = 3.3V
3.27
3.28
3.29
3.3
3.31
3.32
3.33
3.34
3.35
-50 -40 -30 -20 -10
0
10
20
30
40
50
60
70
80
90
TA (°C)
VIN=5.0V,PSAVE
VIN=5.0V,PWM
I
OUT=500 mA(PWM)/50 mA(PSAVE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com