Electronic Components Datasheet Search
  English  ▼

X  

GL422 Datasheet(PDF) 7 Page - GENESYS LOGIC

Part # GL422
Description  USB 2.0 SD/MMC-controller Combo Solution
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL422 Datasheet(HTML) 7 Page - GENESYS LOGIC

Back Button GL422 Datasheet HTML 3Page - GENESYS LOGIC GL422 Datasheet HTML 4Page - GENESYS LOGIC GL422 Datasheet HTML 5Page - GENESYS LOGIC GL422 Datasheet HTML 6Page - GENESYS LOGIC GL422 Datasheet HTML 7Page - GENESYS LOGIC GL422 Datasheet HTML 8Page - GENESYS LOGIC GL422 Datasheet HTML 9Page - GENESYS LOGIC GL422 Datasheet HTML 10Page - GENESYS LOGIC GL422 Datasheet HTML 11Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
GL422/GL423 USB 2.0 +SD/MMC-controller Combo Solution
©2000-2006 Genesys Logic Inc. - All rights reserved.
Page 7
CHAPTER 1
GENERAL DESCRIPTION
Genesys Logic’s GL422/GL423 controller is an single-chip controllers support both USB2.0 and
MMC4.0/SD1.1 specifications. While USB controller and SD/MMC card controller are integrated as a
combo-function single chip,
this chip provides an enhanced combo solution of USB2.0 and SD/MMC card.
GL422/GL423 is designed based on USB2.0 and MMC4.0/SD1.1 specification. Its unique RAM based firmware
strategy provides flexibility for fast compatibility and performance improvement, therefore, give customers
strong support to win in today’s fast-changing market.
GL422/GL423 manages interface protocol, data storage and retrieval, error detection and correction, defect
handling and diagnostic, as well as power management. With a built-in flash management algorithm,
GL422/GL423 is applicable for most types of flash in the market: SAMSUNG, MICRON, ST, TOSHIBA,
HYNIX and RENESAS.
GL422/GL423 is packaged QFN-56 and VFBGA-54. Both die and QFN/VFBGA package are available and
completely meet SD and MMC memory card mechanical thickness requirement. The pin assignment that fits to
card sockets provides easy PCB layout.
GL422/GL423 die has a dual channel flash access interface, which remarkably speed up read/write performance.
QFN-56 packaged GL422/GL423 supports SD1.1 only. VFBGA-54 packaged GL422/GL423 supports both
SD1.1 and MMC4.0.
Figure 1.1 is the block diagram of VFBGA422/GL423.
USB
PHY
Flash
Access
IF
CARD
Controller
USB
Controller
GL422/GL423
Control
Logic
USB
Interface
CARD
Interface
Flash1
Interface
Flash2
Interface
Figure 1.1 - GL422/GL423 Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com