Electronic Components Datasheet Search
  English  ▼

X  

GL422 Datasheet(PDF) 11 Page - GENESYS LOGIC

Part # GL422
Description  USB 2.0 SD/MMC-controller Combo Solution
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL422 Datasheet(HTML) 11 Page - GENESYS LOGIC

Back Button GL422 Datasheet HTML 7Page - GENESYS LOGIC GL422 Datasheet HTML 8Page - GENESYS LOGIC GL422 Datasheet HTML 9Page - GENESYS LOGIC GL422 Datasheet HTML 10Page - GENESYS LOGIC GL422 Datasheet HTML 11Page - GENESYS LOGIC GL422 Datasheet HTML 12Page - GENESYS LOGIC GL422 Datasheet HTML 13Page - GENESYS LOGIC GL422 Datasheet HTML 14Page - GENESYS LOGIC GL422 Datasheet HTML 15Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
GL422/GL423 USB 2.0 +SD/MMC-controller Combo Solution
©2000-2006 Genesys Logic Inc. - All rights reserved.
Page 11
CHAPTER 3
PIN ASSIGNMENT
3.1 Function description
3.1.1 USB specification compliance
• Confirms to USB 480Mbps Specification, version 2.0.
• Backward compatible with USB 12Mbps Specification, version 1.1.
• Support one USB device address and up to 5 endpoints, including one control, one interrupt and 2
bulk IN / OUT endpoint pairs
3.1.2 Integrated USB building blocks
• USB2.0 transceiver macro (UTM), Serial Interface Engine (SIE), Build-in power-on reset (POR) and
low-voltage detector (LVD)
3.1.3 Embedded 8051 micro-controller
• Operates at 60 MHz clock, 12 clocks per instruction cycle
• Embedded 48K Byte mask ROM and internal 256 byte SRAM
• Embedded 4K Byte external SRAM
3.1.4 3.3V power source
3.1.5 Memory Stick TM interface
• Compliant with Memory Stick interface specification
• Hardware support BS/SDIO/SCLK signals
• Support INS signal
• Support automatic CRC16 generation and verification
3.1.6 Secure Digital (SD) and Multi Media Card (MMC)
• Compliant with Secure Digital / MMC interface specification
• Support both SD / MMC mode access CLK/CMD/DAT0/DAT1/DAT2/DAT3
• Command transmit and response receive can be enabled separately
• Automatic CRC7 generation for command and CRC7 verification for response on CMD
• Support automatic CRC16 generation and verification on DAT3-0
• In addition to full packet transaction, optional single byte / bit operation on both CMD and DAT line
/ lines
• Process data in block or byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com