Electronic Components Datasheet Search
  English  ▼

X  

GL422 Datasheet(PDF) 24 Page - GENESYS LOGIC

Part # GL422
Description  USB 2.0 SD/MMC-controller Combo Solution
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL422 Datasheet(HTML) 24 Page - GENESYS LOGIC

Back Button GL422 Datasheet HTML 20Page - GENESYS LOGIC GL422 Datasheet HTML 21Page - GENESYS LOGIC GL422 Datasheet HTML 22Page - GENESYS LOGIC GL422 Datasheet HTML 23Page - GENESYS LOGIC GL422 Datasheet HTML 24Page - GENESYS LOGIC GL422 Datasheet HTML 25Page - GENESYS LOGIC GL422 Datasheet HTML 26Page - GENESYS LOGIC GL422 Datasheet HTML 27Page - GENESYS LOGIC GL422 Datasheet HTML 28Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
GL422/GL423 USB 2.0 +SD/MMC-controller Combo Solution
©2000-2006 Genesys Logic Inc. - All rights reserved.
Page 24
35
PAD_HDATA6
B
MMC mode: HDATA6 from/to
HOST.
(Double Bonding)
36
PAD_UDATA7
B
MMC mode: HDATA7 from/to USB
reader.
(Double Bonding)
NC
G5
37
PAD_HDATA7
B
MMC mode: HDATA7 from/to
HOST.
(Double Bonding)
4.6.4 Flash Interface
The flash interface is used to access AND/NAND flash, defined as Table 4.4. It is also shared with USB test
interface, refers to Table 4.7.
Table 4.4 – Flash Interface
QFN56
Pin#
VFBGA
54
Pin#
Pin Name
Pad#
Pad Name
Type
Description
31
C4
CE0_
65
PAD_CE0_B
B
‘0’ for FLASH chip 0 to select active
(low-active).
32
B4
CE1_
66
PAD_CE1_B
B
‘0’ for FLASH chip 1 to select active
(low-active).
33
A5
CLE
67
PAD_CLE
B
FLASH command latch enable
34
F3
ALE
68
PAD_ALE
B
FLASH address latch enable
30
B5
RE_
64
PAD_RE_B
B
FLASH read enable (low active)
35
A4
WE_
69
PAD_WE_B
B
FLASH write enable (low active)
29
C5
BUSY_
63
PAD_BUSY_B
B
FLASH ready when high, busy when
low.
NC
B3
WP_
71
PAD_WP_B
B
FLASH write protect (low active)
19
G4
DA0
44
PAD_DA0
B
FLASH bus bit0
20
F4
DA1
45
PAD_DA1
B
FLASH bus bit1
21
D6
DA2
46
PAD_DA2
B
FLASH bus bit2
22
E5
DA3
47
PAD_DA3
B
FLASH bus bit3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com