Electronic Components Datasheet Search
  English  ▼

X  

GL422 Datasheet(PDF) 9 Page - GENESYS LOGIC

Part # GL422
Description  USB 2.0 SD/MMC-controller Combo Solution
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL422 Datasheet(HTML) 9 Page - GENESYS LOGIC

Back Button GL422 Datasheet HTML 5Page - GENESYS LOGIC GL422 Datasheet HTML 6Page - GENESYS LOGIC GL422 Datasheet HTML 7Page - GENESYS LOGIC GL422 Datasheet HTML 8Page - GENESYS LOGIC GL422 Datasheet HTML 9Page - GENESYS LOGIC GL422 Datasheet HTML 10Page - GENESYS LOGIC GL422 Datasheet HTML 11Page - GENESYS LOGIC GL422 Datasheet HTML 12Page - GENESYS LOGIC GL422 Datasheet HTML 13Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
GL422/GL423 USB 2.0 +SD/MMC-controller Combo Solution
©2000-2006 Genesys Logic Inc. - All rights reserved.
Page 9
CHAPTER 2
FEATURES
2.1 USB 2.0 Interface
• Complies with Universal Serial Bus Specification Version 2.0
• Complies with USB Mass Storage Class Specification Version 1.0
• Integrated USB 2.0 Transceiver Macro-cell (UTM), Serial Interface Engine (SIE), Build-in
power-on reset (POR) and low-voltage detector (LVD)
• Supports one USB device address and up to 5 endpoints, including one control, one interrupt and
2 bulk IN/OUT endpoint pairs
• Embedded 8051 micro-controller operates at 60MHz clock
• 64 / 512 bytes Data Payload for full / high speed Bulk Endpoint
• Supports USB 2.0 TEST mode features
2.2 SD Host Interface
• Complies with SD Specification Version 1.1
• Backward compatible with SD Specification, Version 1.0
• Supports SPI mode and CPRM functions
• Supports clock rate up to 25 MHZ for SD1.0
• Supports clock rate up to 52MHz for SD1.1
• Buffers for multi-block flash memory programming
• DMA operation between buffers and flash memory
• Supports automatic CRC16 generation and verification on DATA 3-0
2.3 MMC Host Interface
• Complies with MultiMediaCard System Specification, Version 4.0
• Backward compatible with MultiMediaCard System Specification, Version 3.3
• Supports SPI mode and CPRM functions
• Supports clock rate up to 25 MHZ for MMC 3.3
• Supports clock rate up to 52MHz for MMC 4.0
• Buffers for multi-block flash memory programming
• DMA operation between buffers and flash memory
• Supports automatic CRC16 generation and verification on DATA 7-0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com