Electronic Components Datasheet Search
  English  ▼

X  

ML145151 Datasheet(PDF) 5 Page - LANSDALE Semiconductor Inc.

Part # ML145151
Description  Parallel-Input PLL Frequency Synthesizer Interfaces with Single-Modulus Prescalers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145151 Datasheet(HTML) 5 Page - LANSDALE Semiconductor Inc.

  ML145151 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML145151 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML145151 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML145151 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML145151 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML145151 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML145151 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML145151 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML145151 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
www.lansdale.com
Page 5 of 35
Issue A
ML145152
Parallel-Input PLL
Frequency Synthesizer
Interfaces with Dual–Modulus Prescalers
Legacy Device: Motorola/Freescale MC145152
The ML145152 is programmed by sixteen parallel inputs
for the N and A counters and three input lines for the R
counter. The device features consist of a reference oscillator,
selectable–reference divider, two–output phase detector,
10–bit programmable divide–by–N counter, and 6–bit pro-
grammable ÷ A counter.
• Operating Temperature Range: TA = – 40 to 85°C
• Low Power Consumption Through Use of CMOS
Technology
• 3.0 to 9.0 V Supply Range
• On– or Off–Chip Reference Oscillator Operation
• Lock Detect Signal
• Dual Modulus/Parallel Programming
• 8 User–Selectable ÷ R Values: 8, 64, 128, 256, 512,
1024, 1160, 2048
• ÷ N Range = 3 to 1023, ÷ A Range = 0 to 63
• Chip Complexity: 8000 FETs or 2000 Equivalent Gates
• See Application Note AN980
P DIP 28 = YP
PLASTIC DIP
CASE 710
SO 28W = -6P
SOG PACKAGE
CASE 751F
1
28
1
28
Note: Lansdale lead free (Pb) product, as it
becomes available, will be identified by a part
number prefix change from ML to MLE.
CROSS REFERENCE/ORDERING INFORMATION
MOTOROLA
P DIP 28
MC145152P2
ML145152YP
SO 28W
MC145152DW2
ML145152-6P
LANSDALE
PACKAGE
5
4
3
2
1
10
9
8
7
6
11
12
13
14
20
21
22
23
24
25
26
19
27
28
18
17
16
15
φR
RA0
VDD
VSS
fin
N0
φV
RA1
N3
N2
N1
RA2
MC
A5
A3
A4
OSCout
OSCin
LD
N5
N6
N7
N4
N9
A2
A0
N8
A1
PIN ASSIGNMENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com