Electronic Components Datasheet Search
  English  ▼

X  

ML145151 Datasheet(PDF) 17 Page - LANSDALE Semiconductor Inc.

Part # ML145151
Description  Parallel-Input PLL Frequency Synthesizer Interfaces with Single-Modulus Prescalers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145151 Datasheet(HTML) 17 Page - LANSDALE Semiconductor Inc.

Back Button ML145151 Datasheet HTML 13Page - LANSDALE Semiconductor Inc. ML145151 Datasheet HTML 14Page - LANSDALE Semiconductor Inc. ML145151 Datasheet HTML 15Page - LANSDALE Semiconductor Inc. ML145151 Datasheet HTML 16Page - LANSDALE Semiconductor Inc. ML145151 Datasheet HTML 17Page - LANSDALE Semiconductor Inc. ML145151 Datasheet HTML 18Page - LANSDALE Semiconductor Inc. ML145151 Datasheet HTML 19Page - LANSDALE Semiconductor Inc. ML145151 Datasheet HTML 20Page - LANSDALE Semiconductor Inc. ML145151 Datasheet HTML 21Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
www.lansdale.com
Page 17 of 35
Issue A
ML145157
Serial–Input PLL
Frequency Synthesizer
Interfaces with Single–Modulus Prescalers
Legacy Device: Motorola/Freescale MC145157-2
The ML145157 has a fully programmable 14–bit reference
counter, as well as a fully programmable ÷ N counter. The
counters are programmed serially through a common data
input and latched into the appropriate counter latch, accord-
ing to the last data bit (control bit) entered.
• Operating Temperature Range: TA = – 40 to 85°C
• Low Power Consumption Through Use of CMOS
Technology
• 3.0 to 9.0 V Supply Range
• Fully Programmable Reference and ÷ N Counters
• ÷ R Range = 3 to 16383
• ÷ N Range = 3 to 16383
• fV and fR Outputs
• Lock Detect Signal
• Compatible with the Serial Peripheral Interface
(SPI) on CMOS MCUs
• “Linearized” Digital Phase Detector
• Single–Ended (Three–State) or Double–Ended Phase
Detector Outputs
• Chip Complexity: 6504 FETs or 1626 Equivalent Gates
P DIP 16 = EP
PLASTIC DIP
CASE 648
SOG 16 = -5P
SOG PACKAGE
CASE 751G
CROSS REFERENCE/ORDERING INFORMATION
MOTOROLA
P DIP 16
MC145157P2
ML145157EP
SOG 20W
MC145157DW2
ML145157-5P
LANSDALE
PACKAGE
1
16
1
16
Note: Lansdale lead free (Pb) product, as it
becomes available, will be identified by a part
number prefix change from ML to MLE.
PIN ASSIGNMENT
13
14
15
16
9
10
11
12
5
4
3
2
1
8
7
6
S/Rout
fR
REFout
φV
φR
CLK
DATA
ENB
VDD
fV
OSCout
OSCin
fin
LD
VSS
PDout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com