Electronic Components Datasheet Search
  English  ▼

X  

ML145151 Datasheet(PDF) 16 Page - LANSDALE Semiconductor Inc.

Part # ML145151
Description  Parallel-Input PLL Frequency Synthesizer Interfaces with Single-Modulus Prescalers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145151 Datasheet(HTML) 16 Page - LANSDALE Semiconductor Inc.

Back Button ML145151 Datasheet HTML 12Page - LANSDALE Semiconductor Inc. ML145151 Datasheet HTML 13Page - LANSDALE Semiconductor Inc. ML145151 Datasheet HTML 14Page - LANSDALE Semiconductor Inc. ML145151 Datasheet HTML 15Page - LANSDALE Semiconductor Inc. ML145151 Datasheet HTML 16Page - LANSDALE Semiconductor Inc. ML145151 Datasheet HTML 17Page - LANSDALE Semiconductor Inc. ML145151 Datasheet HTML 18Page - LANSDALE Semiconductor Inc. ML145151 Datasheet HTML 19Page - LANSDALE Semiconductor Inc. ML145151 Datasheet HTML 20Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
www.lansdale.com
Page 16 of 35
Issue A
TYPICAL APPLICATIONS
Figure 1. AM/FM Radio Broadcast Synthesizer
SW2
SW1
φV
φR
PDout
MC
fin
ENB
DATA
CLK
REFout
VSS
VDD
LD
RA0
RA1
RA2
OSCin
OSCout
NOTES 1
AND 2
OPTIONAL
LOOP
ERROR SIGNAL
ML12019
÷ 20/21 DUAL MODULUS PRESCALER
VCO
AM B +
+ 12 V
FM B +
+ 12 V
LOCK DETECT SIGNAL
TO DISPLAY DRIVER (e.g., MC14489)
CMOS MPU/MCU
KEY–
BOARD
+ V
3.2 MHz
ML145156
1/2 MC1458
NOTE 3
+
–
NOTES:
1. For AM: channel spacing = 5 kHz,
÷ R = ÷ 640 (code 100).
2. For FM: channel spacing = 25 kHz,
÷ R = ÷ 128 (code 010).
3. The
φR and φV outputs are fed to an external combiner/loop filter.See the Phase–Locked Loop – Low–Pass Filter Design page
for additional information. The
φR and φV outputs swing rail–to–rail. Therefore, the user should be careful not to exceed the
common mode input range of the op amp used in the combiner/loop filter.
Figure 2. Avionics Navigation or Communication Synthesizer
NAV = 01
COM = 10
CHANNEL
SELECTION
VCO
LOCK DETECT SIGNAL
TO DISPLAY DRIVER
(e.g., MC14489)
CMOS MPU/MCU
+ V
3.2 MHz (NOTE 3)
ML145156
MC33171
NOTE 5
SW2
SW1
φV
φR
PDout
MC
fin
ENB
DATA
CLK
REFout
VSS
VDD
LD
RA0
RA1
RA2
OSCin OSCout
ML12016 (NOTES 2 AND 4)
÷ 40/41 DUAL MODULUS PRESCALER
+
–
VCO RANGE
NAV: 97.300 – 107.250 MHz
COM–T: 118.000 – 135.975 MHz
COM–R: 139.400 – 157.375 MHz
R/T
NOTES:
1. For NAV: fR = 50 kHz, ÷ R = 64 using 10.7 MHz lowside injection, Ntotal = 1946 – 2145.
For COM–T: fR = 25 kHz, ÷ R = 128, Ntotal = 4720 – 5439.
For COM–R: fR = 25 kHz, ÷ R = 128, using 21.4 MHz highside injection, Ntotal = 5576 – 6295.
2. A
÷ 32/33 dual modulus approach is provided by substituting an ML12015 for the ML12016. The devices are pin equivalent.
3. A 6.4 MHz oscillator crystal can be used by selecting
÷ R = 128 (code 010) for NAV and ÷ R = 256 (code 011) for COM.
4. ML12013 + MC10131 combination may also be used to form the
÷ 40/41 prescaler
.
5. The
φR and φV outputs are fed to an external combiner/loop filter. See the Phase–Locked Loop – Low–Pass Filter Design
page for additional information. The
φR and φV outputs swing rail–to–rail.Therefore, the user should be careful not to exceed
the common mode input range of the op amp used in the combiner/loop filter.
ML145156 Data Sheet Continued on Page 23
LANSDALE Semiconductor, Inc.
ML145156
ML145156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com