Electronic Components Datasheet Search
  English  ▼

X  

ML145151 Datasheet(PDF) 13 Page - LANSDALE Semiconductor Inc.

Part # ML145151
Description  Parallel-Input PLL Frequency Synthesizer Interfaces with Single-Modulus Prescalers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145151 Datasheet(HTML) 13 Page - LANSDALE Semiconductor Inc.

Back Button ML145151 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. ML145151 Datasheet HTML 10Page - LANSDALE Semiconductor Inc. ML145151 Datasheet HTML 11Page - LANSDALE Semiconductor Inc. ML145151 Datasheet HTML 12Page - LANSDALE Semiconductor Inc. ML145151 Datasheet HTML 13Page - LANSDALE Semiconductor Inc. ML145151 Datasheet HTML 14Page - LANSDALE Semiconductor Inc. ML145151 Datasheet HTML 15Page - LANSDALE Semiconductor Inc. ML145151 Datasheet HTML 16Page - LANSDALE Semiconductor Inc. ML145151 Datasheet HTML 17Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
www.lansdale.com
Page 13 of 35
Issue A
ML145156
Serial–Input PLL
Frequency Synthesizer
Interfaces with Dual–Modulus Prescalers
Legacy Device: Motorola/Freescale MC145156-2
The ML145156 is programmed by a clocked, serial input,
19–bit data stream. The device features consist of a reference
oscillator, selectable–reference divider, digital–phase detector,
10–bit programmable divide–by–N counter, 7–bit program-
mable divide–by–A counter, and the necessary shift register
and latch circuitry for accepting serial input data.
• Operating Temperature Range: TA = – 40 to 85°C
• Low Power Consumption Through Use of
CMOS Technology
• 3.0 to 9.0 V Supply Range
• On– or Off–Chip Reference Oscillator Operation with
Buffered Output
• Compatible with the Serial Peripheral Interface (SPI) on
CMOS MCUs
• Lock Detect Signal
• Two Open–Drain Switch Outputs
• Dual Modulus/Serial Programming
• 8 User–Selectable ÷ R Values: 8, 64, 128, 256, 640,
1000, 1024, 2048
• ÷ N Range = 3 to 1023, ÷A Range = 0 to 127
• “Linearized” Digital Phase Detector Enhances Transfer
Function Linearity
• Two Error Signal Options: Single–Ended (Three–State)
or Double–Ended
• Chip Complexity: 6504 FETs or 1626 Equivalent Gates
1
20
1
20
P DIP 20 = RP
PLASTIC DIP
CASE 738
SOG 20W = -6P
SOG PACKAGE
CASE 751D
CROSS REFERENCE/ORDERING INFORMATION
MOTOROLA
P DIP 20
MC145156P2
ML145156RP
SOG 20W
MC145156DW2
ML145156-6P
LANSDALE
PACKAGE
Note: Lansdale lead free (Pb) product, as it
becomes available, will be identified by a part
number prefix change from ML to MLE.
PIN ASSIGNMENT
PDout
φR
φV
RA2
RA1
fin
LD
MC
VSS
VDD
5
4
3
2
1
10
9
8
7
6
14
15
16
17
18
19
20
11
12
13
TEST
REFout
OSCout
OSCin
RA0
CLK
DATA
ENB
SW1
SW2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com