Electronic Components Datasheet Search
  English  ▼

X  

MP86905 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP86905
Description  Intelli-PhaseTM Solution with Integrated HS-/LS-FETs and Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP86905 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP86905 Datasheet HTML 1Page - Monolithic Power Systems MP86905 Datasheet HTML 2Page - Monolithic Power Systems MP86905 Datasheet HTML 3Page - Monolithic Power Systems MP86905 Datasheet HTML 4Page - Monolithic Power Systems MP86905 Datasheet HTML 5Page - Monolithic Power Systems MP86905 Datasheet HTML 6Page - Monolithic Power Systems MP86905 Datasheet HTML 7Page - Monolithic Power Systems MP86905 Datasheet HTML 8Page - Monolithic Power Systems MP86905 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
MP86905
– INTELLI-PHASE SOLUTION W/ INTEGRATED MOSFETS AND DRIVERS
MP86905 Rev. 1.1
www.MonolithicPower.com
5
8/31/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 12V, VDRV = VDD = EN = 3.3V, TA = 25°C for typical value and TJ = -40°C to 125°C for max
and min values, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Minimum PWM pulse width(4)
20
ns
CS sense gain accuracy
15A
≤ IOUT ≤ 50A
-2
0
2
%
CS sense gain
9.7
μA/A
CS offset
IOUT = 0A
-5
5
μA
CS voltage range(4)
VCS
0.7
2.1
V
VTEMP sense gain(4)
10
mV/°C
VTEMP sense offset(4)
TJ = 25°C
-100
mV
Over-temperature shutdown and
fault flag(4)
160
°C
Over-temperature threshold
hysteresis(4)
30
°C
PWM input current
IPWM
VPWM = 3.3V, VEN = 3.3V
660
μA
VPWM = 0V, VEN = 3.3V
-550
μA
PWM logic high voltage
2.35
V
PWM tri-state region
1.10
1.90
V
PWM logic low voltage
0.80
V
FAULT# pull-down
Sink 5mA
0.3
V
NOTE:
4) Guaranteed by design or characterization data, not tested in production.
PWM TIMING DIAGRAM
tRising
tFalling
tLT
tTH
tHT
tTL
SW
PWM
Hi-Z
Hi-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com