Electronic Components Datasheet Search
  English  ▼

X  

MP86905 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP86905
Description  Intelli-PhaseTM Solution with Integrated HS-/LS-FETs and Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP86905 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP86905 Datasheet HTML 1Page - Monolithic Power Systems MP86905 Datasheet HTML 2Page - Monolithic Power Systems MP86905 Datasheet HTML 3Page - Monolithic Power Systems MP86905 Datasheet HTML 4Page - Monolithic Power Systems MP86905 Datasheet HTML 5Page - Monolithic Power Systems MP86905 Datasheet HTML 6Page - Monolithic Power Systems MP86905 Datasheet HTML 7Page - Monolithic Power Systems MP86905 Datasheet HTML 8Page - Monolithic Power Systems MP86905 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MP86905
Intelli-PhaseTM Solution with
Integrated HS-/LS-FETs and Driver
MP86905 Rev. 1.1
www.MonolithicPower.com
1
8/31/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
DESCRIPTION
The MP86905 is a monolithic half-bridge with
built-in internal power MOSFETs and gate
drivers.
The
MP86905
achieves
50A
of
continuous output current over a wide input
supply range.
The MP86905 is a monolithic IC approach to
drive up to 50A of current per-phase. The
integration of drivers and MOSFETs results in
high efficiency due to optimal dead time and
parasitic inductance reduction. The MP86905
can operate with a range from 100kHz to 2MHz.
The MP86905 offers many features to simplify
system design. The MP86905 works with
controllers with tri-state PWM signal and comes
with an accurate current sense to monitor the
inductor current and temperature sense to
report junction temperature.
The MP86905 is ideal for server applications
where efficiency and small size are a premium.
The MP86905 is available in a small FC-QFN
(4mmx4mm) package.
FEATURES
 Wide 4.5V to 16V Operating Input Range
 50A Output Current
 Current Sense with Accu-SenseTM
 Temperature Sense
 Accepts Tri-State PWM Signal
 Current-Limit Protection
 Over-Temperature Protection (OTP)
 Fault Reporting
 Available in an FC-QFN (4mmx4mm)
Package
APPLICATIONS
 Server Core Voltage
 Graphic Card Core Regulators
 Power Modules
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive.
For MPS green status, please visit the MPS website under Quality
Assurance.
“MPS” and “The Future of Analog IC Technology” are registered
trademarks of Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MP86905
Intelli-Phase
VDRV
EN
AGND
VDD
SW
BST
VIN
VOUT
PGND
VIN
PGND
SYNC
CS
PWM
CS
EN
VTEMP
FAULT#
PWM
SYNC
VTEMP
FAULT#
3.3V


Similar Part No. - MP86905

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP86920 MPS-MP86920 Datasheet
1Mb / 15P
Intelli-PhaseTM Solution with Integrated HS-/LS-FETs and Driver in LGA (4mmx5mm) Package
Rev. 1.0 12/22/2020
MP86920GLV MPS-MP86920GLV Datasheet
1Mb / 15P
Intelli-PhaseTM Solution with Integrated HS-/LS-FETs and Driver in LGA (4mmx5mm) Package
Rev. 1.0 12/22/2020
MP86920GLV-P MPS-MP86920GLV-P Datasheet
1Mb / 15P
Intelli-PhaseTM Solution with Integrated HS-/LS-FETs and Driver in LGA (4mmx5mm) Package
Rev. 1.0 12/22/2020
MP86920GLV-Z MPS-MP86920GLV-Z Datasheet
1Mb / 15P
Intelli-PhaseTM Solution with Integrated HS-/LS-FETs and Driver in LGA (4mmx5mm) Package
Rev. 1.0 12/22/2020
MP86933 MPS-MP86933 Datasheet
708Kb / 14P
16V, Intelli-Phase Solution in a TQFN 3x3 Package
5/26/2021 Rev.1.2
More results

Similar Description - MP86905

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2601 SMSC-USB2601 Datasheet
710Kb / 26P
4TH GENERATION USB2.0 FLASH MEDIA CONTROLLER WITH INTEGRATED CARD POWER FETS AND HS HUB
logo
Monolithic Power System...
MP86957 MPS-MP86957 Datasheet
612Kb / 16P
Intelli-PhaseTM Solution (Integrated HS/LS-FETs and Driver) in 5mmx6mm LGA
Rev. 1.1 7/10/2020
MP86998 MPS-MP86998 Datasheet
1Mb / 15P
Intelli-PhaseTM Solution with Integrated HS-/LS-FETs and Driver in TLGA (5mmx6mm) Package
Rev. 1.0 11/3/2020
MP5048 MPS-MP5048 Datasheet
1Mb / 24P
60V, 15A, 7mΩ RDS(ON) Hot-Swap Intelli-Fuse Solution
Rev. 1.1 4/30/2021
MP5981 MPS-MP5981 Datasheet
1Mb / 27P
16V, 50A, 1.1mΩ RDS(ON),Hot-Swap Intelli-Fuse Solution
Rev. 1.3 5/16/2022
MP86920 MPS-MP86920 Datasheet
1Mb / 15P
Intelli-PhaseTM Solution with Integrated HS-/LS-FETs and Driver in LGA (4mmx5mm) Package
Rev. 1.0 12/22/2020
MP86934 MPS-MP86934 Datasheet
561Kb / 15P
16V Intelli-Phase Solution in TQFN 3x4
Rev.1.2 5/26/2021
MP86952 MPS-MP86952 Datasheet
1Mb / 13P
16V, 70A, Radiation-Tolerant, Monolithic Half-Bridge Intelli-PhaseTM Solution with Internal Power MOSFETs and Gate Drivers
Rev. 1.0 5/13/2021
logo
MPS Industries, Inc.
MP5921 MPSIND-MP5921 Datasheet
1Mb / 26P
16V, 50A, 1mΩ RDS(ON), Hot-Swap Intelli-Fuse Solution
Rev. 1.1 5/17/2022
MP86936 MPSIND-MP86936 Datasheet
606Kb / 14P
Intelli-PhaseTM Solution with Integrated Driver and HS-FETs/LS-FETs
Rev. 1.1 8/4/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com