Electronic Components Datasheet Search
  English  ▼

X  

MP86905 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP86905
Description  Intelli-PhaseTM Solution with Integrated HS-/LS-FETs and Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP86905 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP86905 Datasheet HTML 2Page - Monolithic Power Systems MP86905 Datasheet HTML 3Page - Monolithic Power Systems MP86905 Datasheet HTML 4Page - Monolithic Power Systems MP86905 Datasheet HTML 5Page - Monolithic Power Systems MP86905 Datasheet HTML 6Page - Monolithic Power Systems MP86905 Datasheet HTML 7Page - Monolithic Power Systems MP86905 Datasheet HTML 8Page - Monolithic Power Systems MP86905 Datasheet HTML 9Page - Monolithic Power Systems MP86905 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
MP86905
– INTELLI-PHASE SOLUTION W/ INTEGRATED MOSFETS AND DRIVERS
MP86905 Rev. 1.1
www.MonolithicPower.com
6
8/31/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
BST
Bootstrap. BST requires a 0.1µF to 1µF capacitor to drive the high-side power
switch’s gate above the supply voltage. Connect the capacitor between BST and
SW to form a floating supply across the power switch driver.
2, 14
VIN
Supply voltage. Place CIN close to the device to support the switching current and
reduce voltage spikes at input.
3, 4
SW
Phase node.
5 - 13
PGND
Power ground.
15
PWM
Pulse width modulation input. Leave PWM floating or drive PWM to mid-state to
enter diode emulation mode.
16
EN
Enable. Pull EN low to disable the device and place SW in a high impedance state.
17
CS
Current sense output.
18
VTEMP
Junction temperature sense output.
19
SYNC
Diode emulation mode. Pull SYNC low to enable diode emulation mode.
20
VDD
Internal circuitry voltage. Connect VDD to VDRV through a
2.2Ω resistor and
decouple with a 1µF capacitor to AGND.
21
AGND
Analog ground. Connect AGND to PGND on the VDD capacitor.
22
VDRV
Driver voltage. Connect VDRV to a 3.3V supply and decouple with a 1µF to 4.7µF
ceramic capacitor close to VDRV to PGND.
23
FAULT#
Fault report. FAULT# is an open drain, active low. FAULT# pulls low when SW
short detection, HS current limit, or over-temperature is triggered. During a cycle-by-
cycle high-side current limit event, FAULT# is kept high until the fourth cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com