Electronic Components Datasheet Search
  English  ▼

X  

MP86905 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP86905
Description  Intelli-PhaseTM Solution with Integrated HS-/LS-FETs and Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP86905 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP86905 Datasheet HTML 6Page - Monolithic Power Systems MP86905 Datasheet HTML 7Page - Monolithic Power Systems MP86905 Datasheet HTML 8Page - Monolithic Power Systems MP86905 Datasheet HTML 9Page - Monolithic Power Systems MP86905 Datasheet HTML 10Page - Monolithic Power Systems MP86905 Datasheet HTML 11Page - Monolithic Power Systems MP86905 Datasheet HTML 12Page - Monolithic Power Systems MP86905 Datasheet HTML 13Page - Monolithic Power Systems MP86905 Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
MP86905
– INTELLI-PHASE SOLUTION W/ INTEGRATED MOSFETS AND DRIVERS
MP86905 Rev. 1.1
www.MonolithicPower.com
11
8/31/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
Fault Report (FAULT#)
FAULT# is an open-drain, active-low signal that
reports faults from the Intelli-Phase. When any
fault occurs, FAULT# is pulled low.
FAULT# monitors three fault events:
1) Over-current limit: To trip the over-current
fault, the current limit must be exceeded
four consecutive times. Once the fault
occurs, the MP86905 latches off to turn off
the HS-FET. The LS-FET turns off when
the inductor current reaches zero.
2) Over-temperature fault at TJ > 160°C: Once
the fault occurs, the MP86905 latches off to
turn off the HS-FET. The LS-FET turns off
when the inductor current reaches zero.
3) SW to PGND shorted: Once the fault
occurs, the part latches off to turn off the
HS-FET.
The fault latch can be released by recycling
VIN, VDD, or toggling EN.
L1
PWM
IntelliPhase
PWM1
L2
PWM
VIN
VIN
PWM2
VTEMP
VIN
VIN
VTEMP
IntelliPhase
Intelli-Phase
Power Stage
VOUT
COUT
Multi-Phase
Controller
Temperature
ADC
Figure 2: Multi-Phase Temperature Sense Utilization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com