Electronic Components Datasheet Search
  English  ▼

X  

MP86905 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP86905
Description  Intelli-PhaseTM Solution with Integrated HS-/LS-FETs and Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP86905 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP86905 Datasheet HTML 3Page - Monolithic Power Systems MP86905 Datasheet HTML 4Page - Monolithic Power Systems MP86905 Datasheet HTML 5Page - Monolithic Power Systems MP86905 Datasheet HTML 6Page - Monolithic Power Systems MP86905 Datasheet HTML 7Page - Monolithic Power Systems MP86905 Datasheet HTML 8Page - Monolithic Power Systems MP86905 Datasheet HTML 9Page - Monolithic Power Systems MP86905 Datasheet HTML 10Page - Monolithic Power Systems MP86905 Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
MP86905
– INTELLI-PHASE SOLUTION W/ INTEGRATED MOSFETS AND DRIVERS
MP86905 Rev. 1.1
www.MonolithicPower.com
7
8/31/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 12V, VDD = VDRV = 3.3V, TA = 25˚C, unless otherwise noted.
VDD UVLO
2.5
2.6
2.7
2.8
2.9
3.0
-50
0
50
100
150
TEMPERATURE (oC)
VDD Rising
VDD Falling
VDRV UVLO
2.0
2.2
2.4
2.6
2.8
3.0
-50
0
50
100
150
TEMPERATURE (oC)
VDRV Rising
VDRV Falling
SYNC HI
1.0
1.2
1.4
1.6
1.8
2.0
-50
0
50
100
150
TEMPERATURE (oC)
SYNC Rising
SYNC Falling
PWM HI
1.5
1.7
1.9
2.1
2.3
2.5
-50
0
50
100
150
TEMPERATURE (oC)
PWM Rising
PWM Falling
EN HI
0.5
0.7
0.9
1.1
1.3
1.5
-50
0
50
100
150
TEMPERATURE (oC)
EN Rising
EN Falling
DEVICE EFFICIENCY & LOSS
VIN=12V; L=220nH; FSW=500KHz
0
1
2
3
4
5
6
7
8
9
10
80%
81%
82%
83%
84%
85%
86%
87%
88%
89%
90%
91%
92%
93%
94%
95%
96%
97%
98%
99%
100%
0
5
10
15
20
25
30
35
40
OUTPUT CURRENT (A)
VOUT=1.8V
VOUT=1.2V
PWM LO
0.5
0.7
0.9
1.1
1.3
1.5
-50
0
50
100
150
TEMPERATURE (oC)
PWM Rising
PWM Falling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com