Electronic Components Datasheet Search
  English  ▼

X  

HE83115 Datasheet(PDF) 4 Page - King blillion Electronics Co.,Ltd.

Part # HE83115
Description  8-BIT MICRO-CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE83115 Datasheet(HTML) 4 Page - King blillion Electronics Co.,Ltd.

  HE83115 Datasheet HTML 1Page - King blillion Electronics Co.,Ltd. HE83115 Datasheet HTML 2Page - King blillion Electronics Co.,Ltd. HE83115 Datasheet HTML 3Page - King blillion Electronics Co.,Ltd. HE83115 Datasheet HTML 4Page - King blillion Electronics Co.,Ltd. HE83115 Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. HE83115 Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HE83115 Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HE83115 Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HE83115 Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
KING BILLION ELECTRONICS CO., LTD
駿 億
電
子 股
份
有 限
公
司
HE83115
HE80000 SERIES
4
V3.3E
F.
Pin Diagram
PWMP
PWMN
PRT14[7]/SEG[19]
PRT14[6]/SEG[18]
PRT14[5]/SEG[17]
PRT14[4]/SEG[16]
PRT14[3]/SEG[15]
PRT14[2]/SEG[14]
PRT14[1]/SEG[13]
P
R
T
C
[0]
P
R
T
C
[1]
P
R
T
C
[2]
P
R
T
C
[3]
P
R
T
D
[0]
P
R
T
D
[1]
P
R
T
D
[2]
P
R
T
D
[3]
P
R
T
D
[4]
P
R
T
D
[5]
P
R
T
D
[6]
P
R
T
D
[7]
V
D
D
S
X
I
S
X
O
TSTP_P
FXI
FXO
RSTP_N
OPO
OPIP
OPIN
VO
GND
LV3
LV2
Die Size: A1: 2500 µm * 2140 µm。
A2: 2410 µm * 2190 µm。
Substrate connect with GND。
Product Name
P
R
T
1
4
[0]
/
S
E
G
[1
2]
S
E
G
[1
1]
S
E
G
[1
0]
S
E
G
[9]
S
E
G
[8]
S
E
G
[7]
S
E
G
[6]
S
E
G
[5]
S
E
G
[4]
S
E
G
[3]
S
E
G
[2]
S
E
G
[1]
S
E
G
[0]
C
O
M
[3]
C
O
M
[2]
C
O
M
[1]
C
O
M
[0]
L
C
1
L
C
2
L
V
1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com