Electronic Components Datasheet Search
  English  ▼

X  

HE83115 Datasheet(PDF) 3 Page - King blillion Electronics Co.,Ltd.

Part # HE83115
Description  8-BIT MICRO-CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE83115 Datasheet(HTML) 3 Page - King blillion Electronics Co.,Ltd.

  HE83115 Datasheet HTML 1Page - King blillion Electronics Co.,Ltd. HE83115 Datasheet HTML 2Page - King blillion Electronics Co.,Ltd. HE83115 Datasheet HTML 3Page - King blillion Electronics Co.,Ltd. HE83115 Datasheet HTML 4Page - King blillion Electronics Co.,Ltd. HE83115 Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. HE83115 Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HE83115 Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HE83115 Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HE83115 Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
KING BILLION ELECTRONICS CO., LTD
駿 億
電
子 股
份
有 限
公
司
HE83115
HE80000 SERIES
3
V3.3E
Pin #
Pin name
I/O
Function
Description
34
LV2
B
Charge Pump V2
33
LV1
B
Charge Pump V1
Please refer the application circuit.
5
PWMP
O
The PWM positive output
can drive speaker or buzzer
directly.
Set the bit2 of VOC register as one to turn on PWM.
6
PWMN
O
The PWM positive output
can drive speaker or buzzer
directly.
Set the bit2 of VOC register as one to turn on PWM.
37
VO
O
D/A output.
Bit 1 of VOC = ‘1’ , Turn on DA
38
OPIN
I
OPAMP negative input pin.
39
OPIP
I
OPAMP positive input pin.
40
OPO
O
OPAMP output pin.
Built-in OP comparator.
Set Bit 0 of VOC = ‘1’ , Turn on OP
47
VDD
P
Positive Power Input
36
GND
P
Power Ground Input
Adding 0.1 µF capacitor as by-pass capacitor on power
pins is necessary.(within 1 cm distance)
E. LCD RAM Map
Page 0:
SEG1
SEG0
SEG11
SEG10
F0H
COM[3:0] COM[3:0]
F5H
COM[3:0] COM[3:0]
SEG3
SEG2
SEG13
SEG12
F1H
COM[3:0] COM[3:0]
F6H
COM[3:0] COM[3:0]
SEG5
SEG4
SEG15
SEG14
F2H
COM[3:0] COM[3:0]
F7H
COM[3:0] COM[3:0]
SEG7
SEG6
SEG17
SEG16
F3H
COM[3:0] COM[3:0]
F8H
COM[3:0] COM[3:0]
SEG9
SEG8
SEG19
SEG18
F4H
COM[3:0] COM[3:0]
F9H
COM[3:0] COM[3:0]



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com