Electronic Components Datasheet Search
  English  ▼

X  

HE83115 Datasheet(PDF) 10 Page - King blillion Electronics Co.,Ltd.

Part # HE83115
Description  8-BIT MICRO-CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE83115 Datasheet(HTML) 10 Page - King blillion Electronics Co.,Ltd.

Back Button HE83115 Datasheet HTML 2Page - King blillion Electronics Co.,Ltd. HE83115 Datasheet HTML 3Page - King blillion Electronics Co.,Ltd. HE83115 Datasheet HTML 4Page - King blillion Electronics Co.,Ltd. HE83115 Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. HE83115 Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HE83115 Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HE83115 Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HE83115 Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. HE83115 Datasheet HTML 10Page - King blillion Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
KING BILLION ELECTRONICS CO., LTD
駿 億
電
子 股
份
有 限
公
司
HE83115
HE80000 SERIES
10
V3.3E
J. Important Note
1. LCD driving circuit must be turn off before IC goes into sleep mode.
2. Please bonds the TSTP_P, RSTP_N and PRTD[7:0] with test point on PCB (can be soldered and
probed) as you can, then KB can do some IC testing job on PCB. Neither VDD nor GND connection is
necessary for TSTP_P. The following figure is an example (Testing point with through hole).
K. Updated Record
Version
Date
Section
Original Content
New Content
B, H
2.2V (VDD operation voltage)
2.4V
V3.3
Nov 28,
2001
J, K
New Section



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com