Electronic Components Datasheet Search
  English  ▼

X  

HE83115 Datasheet(PDF) 2 Page - King blillion Electronics Co.,Ltd.

Part # HE83115
Description  8-BIT MICRO-CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE83115 Datasheet(HTML) 2 Page - King blillion Electronics Co.,Ltd.

  HE83115 Datasheet HTML 1Page - King blillion Electronics Co.,Ltd. HE83115 Datasheet HTML 2Page - King blillion Electronics Co.,Ltd. HE83115 Datasheet HTML 3Page - King blillion Electronics Co.,Ltd. HE83115 Datasheet HTML 4Page - King blillion Electronics Co.,Ltd. HE83115 Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. HE83115 Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HE83115 Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HE83115 Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HE83115 Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
KING BILLION ELECTRONICS CO., LTD
駿 億
電
子 股
份
有 限
公
司
HE83115
HE80000 SERIES
2
V3.3E
D. Pin Description
Pin #
Pin name
I/O
Function
Description
43
42
FXI,
FXO
B,
O
External
fast
clock
pin.
Connecting to crystal or RC
to generate 32.768 kHz ~
8MHz frequency.
46
45
SXI,
SXO
I,
O
External slow clock pin.
Connecting with 32768 Hz
crystal or resistor as slow
clock and providing clock
source for LCD display,
TIMER1, Time-Base
and
other internal blocks.
Mask option setting:
MO_FCK/SCKN= 00:Slow Clock only
01:Illegal
10:Dual Clock
11:Fast Clock only
MO_FOSCE = 0:Internal fast osc.
= 1:External fast osc.
MO_FXTAL= 0:RC osc. for fast clock
= 1:X’tal osc. for fast clock
MO_SXTAL= 0:RC for 32768 Hz clock
= 1:X’tal for 32768 Hz clock
Use OP1 and OP2 to switch among different operation
mode (NORMAL, SLOW, IDEL and SLEEP). In Dual
Clock mode, the main system clock is still the Fast
Clock. The 32768 Hz clock is for LCD and Timer 1
only.
41
RSTP_N
I
System Reset.
Level trigger, active low. Except for using this pin, using
mask option (MO_PORE=1) could enable IC build-in
power-on reset circuit.
Besides, MO_WDTE can set Watch Dog Timer:
MO_WDTE=0:Disable Watch Dog Timer
=1:Enable Watch Dog Timer
44
TSTP_P
I
Test Pin
Please bond this pin and add a test point on PCB for
debugging. Leave this pin floating is OK.
1..4
PRTC[3:0]
B
4-pin bi-directional I/O port.
Mask options:
MO_CPP[3..0]=1 ~ Push-pull.
=0 ~ Open-drain.
Output must be “1” before reading whenever use them
as input (No tri-state structure).
48..
55
PRTD[7:0]
B
8-pin bi-directional I/O port.
PRTD[7..2] as wake-up pin.
PRTD[7..6]
as
external
interrupt pin.
Mask options:
MO_DPP[7..0]=1 ~ Push-pull.
=0 ~ Open-drain.
Output must be “1” before reading whenever use them
as input (No tri-state structure).
7..14
PRT14[7:0]/
SEG[19:12]
B/
O
8-pin bi-directional I/O port
that is shared with LCD
segment pin.
Mask options:
MO_LIO14[7..0]=1 ~ LCD Pin.
=0 ~ I/O Pin.
MO_14PP[7..0]=1 ~ Push-pull.
=0 ~ Open-drain.
Output must be “1” before reading whenever use them
as input (No tri-state structure).
27..
30
COM[3:0]
O
LCD COMmon Output
15..
26
SEG[11:0]
O
LCD SEGment Output
LCD Data filled from F0H, please refer the LCD RAM
map.
32
LC2
B
Charge Pump Switch 2
31
LC1
B
Charge Pump Switch 1
Add one 0.1 µF capacitor between LC1 and LC2. Please refer
the application circuit.
35
LV3
B
Charge Pump V3
LV3< 9 Volts.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com