Electronic Components Datasheet Search
  English  ▼

X  

HE83115 Datasheet(PDF) 9 Page - King blillion Electronics Co.,Ltd.

Part # HE83115
Description  8-BIT MICRO-CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE83115 Datasheet(HTML) 9 Page - King blillion Electronics Co.,Ltd.

Back Button HE83115 Datasheet HTML 2Page - King blillion Electronics Co.,Ltd. HE83115 Datasheet HTML 3Page - King blillion Electronics Co.,Ltd. HE83115 Datasheet HTML 4Page - King blillion Electronics Co.,Ltd. HE83115 Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. HE83115 Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HE83115 Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HE83115 Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HE83115 Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. HE83115 Datasheet HTML 10Page - King blillion Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
KING BILLION ELECTRONICS CO., LTD
駿 億
電
子 股
份
有 限
公
司
HE83115
HE80000 SERIES
9
V3.3E
I. Application Circuit
VDD
VDD
VDD
VDD
VDD
VDD
Tripple Charge Pump is selected
LCD Max. Voltage=LV3=3*VDD
External Slow Clock:
RC osc.
No External Parts is
necessary if user adopt
Internal Fast RC
Clock
External Fast Clock:
Crystal osc.
External Fast Clock:
RC osc.
External Slow Clock:
Crystal osc.
LCD PANEL
Passive
Bias &
Filter
Circuit
Buzzer
or
Speaker
Circuit
Please Refer
AN022 for Speech
Output Circuit
Tripple Charge Pump is selected
LCD Max. Voltage=LV3=3/2*VDD
Tripple Charge Pump is selected
LCD Max. Voltage=LV3=VDD
SXO
SXI
LV1
LC1
LC2
FXI
FXO
FXI
SXI
SXO
SXO
FXI
FXO
SXI
SXO
LC1
LC2
LC1
LV2
LC2
LC2
LC1
LV3
R: Please ref . AN016
C4
0.1uF
2MHZ
20P
20P
R > 8.2 KOhm
C: Please Ref . AN016
32.768K
20P
20P
C3
0.1uF
C2
100uF
BATTERY 1
3V
C1
0.1uF
C5 0.1uF
SP1
SPEAKER
C7 0.1uF
SW1
RESET
C6 0.1uF
Q1
NPN
R1
50K
C4
0.1uF
C4
0.1uF
VDD
FXI
FXO
SXI
RSTP_N
SXO
PRTD[7:0]
GND
PRTC[3:0]
LC1
LC2
LV1
COM[3:0]
SEG[11:0]
PRT14[7:0]/SEG[19:12]
LV2
LV3 < 9 Volt
OPIN
OPIP
OPO
PWMP
PWMN
VO
HE83115



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com