Electronic Components Datasheet Search
  English  ▼

X  

RT9205GS Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9205GS
Description  Dual Regulators - Synchronous Buck PWM DC-DC and Linear Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9205GS Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9205GS Datasheet HTML 1Page - Richtek Technology Corporation RT9205GS Datasheet HTML 2Page - Richtek Technology Corporation RT9205GS Datasheet HTML 3Page - Richtek Technology Corporation RT9205GS Datasheet HTML 4Page - Richtek Technology Corporation RT9205GS Datasheet HTML 5Page - Richtek Technology Corporation RT9205GS Datasheet HTML 6Page - Richtek Technology Corporation RT9205GS Datasheet HTML 7Page - Richtek Technology Corporation RT9205GS Datasheet HTML 8Page - Richtek Technology Corporation RT9205GS Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
RT9205/A
Preliminary
5
DS9205/A-08 March 2007
www.richtek.com
Functional Pin Description
LGATE (Pin 1)
Connect the LGATE pin to the gate of lower MOSFET.
This pin provides the gate drive for the lower MOSFET.
PGND/GND (Pin 2, 3)
Signal and power ground for the IC. All voltage levels are
measured with respect to this pin.
VCC (Pin 4)
This is the main bias supply for the RT9205/A. This pin
also provides the gate bias charge for the gate of lower
MOSFET. The voltage at this pin is monitored for ensuring
a proper power-on reset (POR). This pin is also the out
of an internal 6.0V regulator that powered from the BOOT
pin when the BOOT pin is directly powered from ATX
12V.
DRV (Pin 5)
This pin is the output of a linear controller. It should be
connected to the base of an external bypass NPN
transistor or the gate of a N-MOSFET to form a linear low
dropout regulator.
FBL (Pin 6)
This pin is connected to the output resistor-divider of an
external power transistor or a N-MOSFET based low
dropout regulator for regulating and monitoring the output
voltage. This pin is also connected to the protection
monitor and the invertering input of error amplifier of
internal linear regulator inside the IC.
FB (Pin 9)
This pin is connected to the PWM converter's output-divider
for regulating and monitoring the output voltage of buck
converter. This pin also connects to the protection monitor
and the inverting input of internal PWM error amplifier inside
the IC.
BOOT (Pin 13)
This pin provides ground referenced bias voltage to the
upper MOSFET driver. A bootstrap circuit is used to create
a voltage that is suitable for driving a logic-level N-MOSFET
when operating at a single 5V power supply. This pin also
could be powered from ATX 12V, in this situation, an internal
6.0V regulator will supply to VCC pin for generating bias
required inside the IC.
UGATE (Pin 14)
Connect the UGATE pin to the gate of upper MOSFET.
This pin provides the gate drive for the upper MOSFET.
NC (Pin 7,8,10,11,12)
No Connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com