Electronic Components Datasheet Search
  English  ▼

X  

RT9205GS Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT9205GS
Description  Dual Regulators - Synchronous Buck PWM DC-DC and Linear Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9205GS Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT9205GS Datasheet HTML 7Page - Richtek Technology Corporation RT9205GS Datasheet HTML 8Page - Richtek Technology Corporation RT9205GS Datasheet HTML 9Page - Richtek Technology Corporation RT9205GS Datasheet HTML 10Page - Richtek Technology Corporation RT9205GS Datasheet HTML 11Page - Richtek Technology Corporation RT9205GS Datasheet HTML 12Page - Richtek Technology Corporation RT9205GS Datasheet HTML 13Page - Richtek Technology Corporation RT9205GS Datasheet HTML 14Page - Richtek Technology Corporation RT9205GS Datasheet HTML 15Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
RT9205/A
Preliminary
11
DS9205/A-08 March 2007
www.richtek.com
Inductor Selection
The RT9205/A was designed for VIN = 5V, step-down
application mainly. Figure 6 shows the typical topology
and waveforms of step-down converter.
The ripple current of inductor can be calculated as follows:
Because operation frequency is fixed at 300kHz,
The VOUT ripple is
ESR is the equivalent series resistor of output capacitor
Table 1 shows the ripple voltage of VOUT at VIN = 5V
Table 1
Figure 5
Figure 6
*Refer to Sanyo low ESR series (CE, DX, PX.....)
The suggested L and C are as follows:
2
µH with ≥ 1500µF COUT
5
µH with ≥ 1000µF COUT
0A
0V
2V
4V
T1
T2
T3
TIME
COUNT = 1
COUNT = 2
COUNT = 3
OVERLOAD
APPLIED
T0
I
D
i
D
i
Q
I
Q
uQ
uI
L
i
L
I
L
= I
O
V
L
V
I
- V
O
- V
O
T
S
T
ON
T
OFF
V
I
V
O
R
C
D
L
Q
C.C.M.
VOUT
3.3V
2.5V
1.5V
Inductor
2
µH
5
µH
2
µH
5
µH
2
µH
5
µH
1000
µF (ESR=53mΩ)
100mV
40mV
110mV
44mV
93mV
37mV
1500
µF (ESR=33mΩ)
62mV
25mV
68mV
28mV
58mV
23mV
3000
µF (ESR=21mΩ)
40mV
16mV
43mV
18mV
37mV
15mV
×
OUT
RIPPLE
ON
(5V - V)
IL
=T
L
×
OUT
ON
V
T
= 3.33
5V
×
OUT RIPPLE
RIPPLE
V
= IL
ESR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com