Electronic Components Datasheet Search
  English  ▼

X  

RT9205GS Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9205GS
Description  Dual Regulators - Synchronous Buck PWM DC-DC and Linear Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9205GS Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9205GS Datasheet HTML 1Page - Richtek Technology Corporation RT9205GS Datasheet HTML 2Page - Richtek Technology Corporation RT9205GS Datasheet HTML 3Page - Richtek Technology Corporation RT9205GS Datasheet HTML 4Page - Richtek Technology Corporation RT9205GS Datasheet HTML 5Page - Richtek Technology Corporation RT9205GS Datasheet HTML 6Page - Richtek Technology Corporation RT9205GS Datasheet HTML 7Page - Richtek Technology Corporation RT9205GS Datasheet HTML 8Page - Richtek Technology Corporation RT9205GS Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
RT9205/A
Preliminary
1
DS9205/A-08 March 2007
www.richtek.com
Features
l
Operates at 5V
l
0.8V Internal Reference
l
Drives Two N-MOSFET
l
Voltage Mode PWM Control
l
Fast Transient Response
l
Fixed 300kHz Oscillator Frequency
l
Dynamic 0 to 100% Duty Cycle
l
Internal PWM Loop Compensation
l
Internal Soft-Start
l
Adaptive Non-Overlapping Gate Driver
l
Over-Voltage Protection Uses Lower MOSFET
l
RoHS Compliant and 100% Lead (Pb)-Free
Pin Configurations
Applications
l
PC Motherboard
l
Cable Modems, Set-Top-Box, and XDSL Modems
l
DSP and Core Communications Processor Supplies
l
Memory Power Supplies
l
Personal Computer Peripherals
l
Industrial Power Supplies
l
5V Input DC-DC Regulators
l
Low Voltage Distributed Power Supplies
l
Graphic Cards
Dual Regulators - Synchronous Buck PWM DC-DC and
Linear Controller
Ordering Information
General Description
The RT9205/A is a dual-output power controllers designed
for high performance graphics cards and personal
computers. The IC integrates a synchronous buck
controller, a linear controller and protection functions into
a small 14-pin package.
The RT9205/A uses an internal compensated voltage
mode PWM control for simplying design. An internal 0.8V
reference allows the output voltage to be precisely
regulated to meet low output voltage requirement. A fixed
300kHz oscillation frequency reduces the component size
for saving board area.
The RT9205/A also features over voltage protection
(OVP) and under voltage lock-out (UVLO).
(TOP VIEW)
SOP-14
LGATE
PGND
GND
VCC
NC
NC
NC
UGATE
DRV
FBL
NC
FB
NC
BOOT
2
3
4
11
12
13
14
5
6
7
8
9
10
Note :
RichTek Pb-free and Green products are :
}RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
}Suitable for use in SnPb or Pb-free soldering processes.
}100%matte tin (Sn) plating.
RT9205/A
Package Type
S : SOP-14
Operating Temperature Range
P : Pb Free with Commercial Standard
G : Green (Halogen Free with Commer-
cial Standard)
UVP : Hiccup Node
UVP : Latch Mode


Similar Part No. - RT9205GS

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9205 RICHTEK-RT9205 Datasheet
305Kb / 16P
Dual Regulators - Synchronous Buck PWM DC-DC and Linear Controller
RT9205-ACS RICHTEK-RT9205-ACS Datasheet
305Kb / 16P
Dual Regulators - Synchronous Buck PWM DC-DC and Linear Controller
RT9205/ACS RICHTEK-RT9205/ACS Datasheet
305Kb / 16P
Dual Regulators - Synchronous Buck PWM DC-DC and Linear Controller
RT9205ACS RICHTEK-RT9205ACS Datasheet
305Kb / 16P
Dual Regulators - Synchronous Buck PWM DC-DC and Linear Controller
More results

Similar Description - RT9205GS

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9205 RICHTEK-RT9205 Datasheet
305Kb / 16P
Dual Regulators - Synchronous Buck PWM DC-DC and Linear Controller
RT9203 RICHTEK-RT9203 Datasheet
215Kb / 16P
Dual Regulators - Synchronous Buck PWM DC-DC and Linear Controller
RT9204 RICHTEK-RT9204_07 Datasheet
186Kb / 14P
Dual Regulators - Standard Buck PWM DC-DC and Linear Controller
RT9212 RICHTEK-RT9212 Datasheet
300Kb / 14P
Dual 5V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9218 RICHTEK-RT9218 Datasheet
403Kb / 18P
5V/12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9218B RICHTEK-RT9218B Datasheet
389Kb / 17P
12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259 RICHTEK-RT9259 Datasheet
303Kb / 15P
12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259A RICHTEK-RT9259A Datasheet
243Kb / 14P
12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259C RICHTEK-RT9259C Datasheet
303Kb / 15P
12V Synchronous Buck PWM DC-DC and Linear Power Controller
logo
Monolithic Power System...
MP2910 MPS-MP2910 Datasheet
742Kb / 15P
Synchronous Buck PWM DC-DC and Linear Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com