Electronic Components Datasheet Search
  English  ▼

X  

RT9205GS Datasheet(PDF) 14 Page - Richtek Technology Corporation

Part # RT9205GS
Description  Dual Regulators - Synchronous Buck PWM DC-DC and Linear Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9205GS Datasheet(HTML) 14 Page - Richtek Technology Corporation

Back Button RT9205GS Datasheet HTML 7Page - Richtek Technology Corporation RT9205GS Datasheet HTML 8Page - Richtek Technology Corporation RT9205GS Datasheet HTML 9Page - Richtek Technology Corporation RT9205GS Datasheet HTML 10Page - Richtek Technology Corporation RT9205GS Datasheet HTML 11Page - Richtek Technology Corporation RT9205GS Datasheet HTML 12Page - Richtek Technology Corporation RT9205GS Datasheet HTML 13Page - Richtek Technology Corporation RT9205GS Datasheet HTML 14Page - Richtek Technology Corporation RT9205GS Datasheet HTML 15Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
RT9205/A
Preliminary
14
DS9205/A-08 March 2007
www.richtek.com
The power components and the PWM controller should
be placed firstly. Place the input capacitors, especially the
high-frequency ceramic decoupling capacitors, close to
the power switches. Place the output inductor and output
capacitors between the MOSFETs and the load. Also
locate the PWM controller near by MOSFETs.
A multi-layer printed circuit board is recommended. Figure
13 shows the connections of the critical components in
the converter. Note that the capacitors CIN and COUT
represent numerous physical capacitors. Use a dedicated
grounding plane and use vias to ground all critical
components to this layer. Apply another solid layer as a
power plane and cut this plane into smaller islands of
common voltage levels. The power plane should support
the input power and output power nodes. Use copper filled
polygons on the top and bottom circuit layers for the
PHASE node, but it is not necessary to oversize this
particular island. Since the PHASE node is subjected to
very high dV/dt voltages, the stray capacitance formed
between these islands and the surrounding circuitry will
tend to couple switching noise. Use the remaining printed
circuit layers for small signal routing. The PCB traces
between the PWM controller and the gate of MOSFET
and also the traces connecting source of MOSFETs
should be sized to carry 2A peak currents.
Figure 13
LOAD
VCC
GND
RT9205/A
FB
LGATE
UGATE
IL
IQ1
V
OUT
Q2
Q1
IQ2
5V
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com