Electronic Components Datasheet Search
  English  ▼

X  

RT9205GS Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT9205GS
Description  Dual Regulators - Synchronous Buck PWM DC-DC and Linear Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9205GS Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT9205GS Datasheet HTML 6Page - Richtek Technology Corporation RT9205GS Datasheet HTML 7Page - Richtek Technology Corporation RT9205GS Datasheet HTML 8Page - Richtek Technology Corporation RT9205GS Datasheet HTML 9Page - Richtek Technology Corporation RT9205GS Datasheet HTML 10Page - Richtek Technology Corporation RT9205GS Datasheet HTML 11Page - Richtek Technology Corporation RT9205GS Datasheet HTML 12Page - Richtek Technology Corporation RT9205GS Datasheet HTML 13Page - Richtek Technology Corporation RT9205GS Datasheet HTML 14Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
RT9205/A
Preliminary
10
DS9205/A-08 March 2007
www.richtek.com
Application Information
The RT9205/A operates at either single 5V power supply
with a bootstrap UGATE driver or a 5V/12V dual-power
supply form the ATX SMPS. The dual- power supply is
recommended for high current applications, the RT9205/
A can deliver higher gate driving current while operating
with ATX SMPS based on a dual-power supply.
The Bootstrap Operation
In a single power supply system, the UGATE driver of
RT9205/A is powered by an external bootstrap circuit, as
shown in the Figure 3. The boot capacitor, CBOOT,
generates a floating reference at the PHASE pin. Typically
a 0.1
µF CBOOT is enough for most of MOSFETs used
with the RT9205/A. The voltage drop between BOOT and
PHASE is refreshed to a voltage of VCC
− diode drop
(VD) while the lower MOSFET turning on.
Figure 3. Single 5V power Supply Operation
Dual Power Operation
The RT9205/A was designed to supply a regulated 6.0V
at VCC pin automatically when BOOT pin is powered by
a 12V. In a system with ATX 5V/12V power supply, the
RT9205/A is ideal for higher current applications due to
the higher gate driving capability, VUGATE = 12V and
VLGATE = 6.0V. A RC (10
Ω/1µF) filter is also recommended
at BOOT pin to prevent the ringing induced from fast
power-on, as shown in Figure 4.
Figure 4. Dual Power Supply Operation
Power On Reset
The Power-On Reset (POR) monitors the supply voltage
(normal +5V) at the VCC pin and the input voltage at the
OCSET pin. The VCC POR level is set to 4.1V with 0.5V
hysteresis and the normal level at OCSET pin is set to
1.5V (see over-current protection). The POR function
initiates soft-start operation after all supply voltages
exceed their POR thresholds.
Soft Start
A built-in soft-start is used to prevent surge current from
power supply input during powering on. The soft-start
voltage is controlled by an internal digital counter. It slows
down and clamps the ramping of reference voltage at the
input of error amplifier and the pulse-width of the output
driver. The typical soft-start duration is 2.5ms.
Under Voltage and Over Voltage Protection
The voltage presents at FB pin is monitored and protected
against OC (over current), UV (under voltage), and OV
(ov er v oltage). The UV threshold is 0.56V and
OV-threshold is 1.0V. Both UV and OV detection are with
30
µs delay after triggered. When OC or UV trigged, a
hiccup re-start sequence will be initialized, as shown in
Figure 5. For RT9205, only 3 times of trigger are allowed
before latching off. But for RT9205A, UVP will be kept in
hiccup mode. Hiccup is disabled during soft-start interval.
5V
VCC
LGATE
PHASE
UGATE
BOOT
R1
VCC
C2
1uF
RT9205/A
0.1uF
D1
5V
VCC
LGATE
UGATE
BOOT
R
C2
1uF
RT9205/A
1uF
6.0V
Regulation
10
C
12V
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com