Electronic Components Datasheet Search
  English  ▼

X  

L4CA/C Datasheet(PDF) 2 Page - Littelfuse

Part # L4CA/C
Description  Four-Terminal Surface Mount Resistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

L4CA/C Datasheet(HTML) 2 Page - Littelfuse

  L4CA/C Datasheet HTML 1Page - Littelfuse L4CA/C Datasheet HTML 2Page - Littelfuse L4CA/C Datasheet HTML 3Page - Littelfuse L4CA/C Datasheet HTML 4Page - Littelfuse L4CA/C Datasheet HTML 5Page - Littelfuse L4CA/C Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Current Sense Resistor Datasheet
© 2023 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: GD. 09/19/23
2
Four-Terminal Surface Mount Resistor
L4CA/C Series
Electrical Specifications
LF Seires
Part Number
Size
Resitance
Power
TCR (ppm/˚C)
Standard
Package Qty
Inch
mm
Ro (mΩ)
Rt (%)
(W)
L4CC
L4CC0306RLR001FNR
0306
816
1
±1.0%
0.33
±100
5000
L4CC
L4CC0306RLR002FNR
0306
816
2
±1.0%
0.33
±100
5000
L4CC
L4CC0306QLR005FNR
0306
816
5
±1.0%
0.33
±50
5000
L4CC
L4CC0306QLR006FNR
0306
816
6
±1.0%
0.33
±50
5000
L4CC
L4CC0306QLR007FNR
0306
816
7
±1.0%
0.33
±50
5000
L4CC
L4CC0306QLR008FNR
0306
816
8
±1.0%
0.33
±50
5000
L4CC
L4CC0306QLR009FNR
0306
816
9
±1.0%
0.33
±50
5000
L4CC
L4CC0306QLR010FNR
0306
816
10
±1.0%
0.33
±50
5000
L4CC
L4CC0306QLR011FNR
0306
816
11
±1.0%
0.33
±50
5000
L4CC
L4CC0306QLR012FNR
0306
816
12
±1.0%
0.33
±50
5000
L4CC
L4CC0306QLR013FNR
0306
816
13
±1.0%
0.33
±50
5000
L4CC
L4CC0306QLR014FNR
0306
816
14
±1.0%
0.33
±50
5000
L4CC
L4CC0306QLR015FNR
0306
816
15
±1.0%
0.33
±50
5000
L4CC
L4CC0306QLR016FNR
0306
816
16
±1.0%
0.33
±50
5000
L4CC
L4CC0306QLR018FNR
0306
816
18
±1.0%
0.33
±50
5000
L4CC
L4CC0306QLR020FNR
0306
816
20
±1.0%
0.33
±50
5000
L4CC
L4CC0306QLR021FNR
0306
816
21
±1.0%
0.33
±50
5000
L4CC
L4CC0306QLR022FNR
0306
816
22
±1.0%
0.33
±50
5000
L4CC
L4CC0306QLR024FNR
0306
816
24
±1.0%
0.33
±50
5000
L4CC
L4CC0306QLR035FNR
0306
816
35
±1.0%
0.33
±50
5000
L4CC
L4CC0306QLR050FNR
0306
816
50
±1.0%
0.33
±50
5000
L4CA
L4CA0612L0M50FNR
0612
1632
0.5
±1.0%
1
±150
5000
L4CA
L4CA0612LR003FNR
0612
1632
3
±1.0%
1
±100
5000
L4CA
L4CA0612LR004FNR
0612
1632
4
±1.0%
1
±100
5000
L4CA
L4CA0612LR005FNR
0612
1632
5
±1.0%
1
±50
5000
L4CA
L4CA0612LR006FNR
0612
1632
6
±1.0%
1
±50
5000
L4CA
L4CA0612LR007FNR
0612
1632
7
±1.0%
1
±50
5000
L4CA
L4CA0612LR008FNR
0612
1632
8
±1.0%
1
±50
5000
L4CA
L4CA0612LR009FNR
0612
1632
9
±1.0%
1
±50
5000
L4CA
L4CA0612LR010FNR
0612
1632
10
±1.0%
1
±50
5000
L4CA
L4CA0612LR011FNR
0612
1632
11
±1.0%
1
±50
5000
L4CA
L4CA0612LR012FNR
0612
1632
12
±1.0%
1
±50
5000
L4CA
L4CA0612LR013FNR
0612
1632
13
±1.0%
1
±50
5000
L4CA
L4CA0612LR014FNR
0612
1632
14
±1.0%
1
±50
5000
L4CA
L4CA0612LR015FNR
0612
1632
15
±1.0%
1
±50
5000
L4CA
L4CA0612LR016FNR
0612
1632
16
±1.0%
1
±50
5000
L4CA
L4CA0612LR018FNR
0612
1632
18
±1.0%
1
±50
5000
L4CA
L4CA0612LR020FNR
0612
1632
20
±1.0%
1
±50
5000
L4CA
L4CA0612LR021FNR
0612
1632
21
±1.0%
1
±50
5000
L4CA
L4CA0612LR022FNR
0612
1632
22
±1.0%
1
±50
5000
L4CA
L4CA0612LR024FNR
0612
1632
24
±1.0%
1
±50
5000
L4CA
L4CA0612LR025FNR
0612
1632
25
±1.0%
1
±50
5000
Note: Resistors are available in steps of 1 mOhm. Ratings not indicated in the above table may be available on request.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com