Electronic Components Datasheet Search
  English  ▼

X  

L4CA/C Datasheet(PDF) 4 Page - Littelfuse

Part # L4CA/C
Description  Four-Terminal Surface Mount Resistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

L4CA/C Datasheet(HTML) 4 Page - Littelfuse

  L4CA/C Datasheet HTML 1Page - Littelfuse L4CA/C Datasheet HTML 2Page - Littelfuse L4CA/C Datasheet HTML 3Page - Littelfuse L4CA/C Datasheet HTML 4Page - Littelfuse L4CA/C Datasheet HTML 5Page - Littelfuse L4CA/C Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Current Sense Resistor Datasheet
© 2023 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: GD. 09/19/23
4
Four-Terminal Surface Mount Resistor
L4CA/C Series
Test
Procedure
Specifications
Short Term Overload
2.5 times the rated voltage shall be applied for 5
sec.
±1.0% Appearance: Without distinct damage, and
the marking shall be legible.
Load Life (Endurance) Test
Exposure at 70°C with full rated power applied
1,000 Hours
±1.0% Appearance: Without distinct damage, and
the marking shall be legible.
Load Life (Endurance) Test
(Power Cycling)
At temperature 70°C, rated power shall be
repeatedly applied for 1.5hrs followed by a pause
of 30 min. 1,000 Hours.
±1.0% Appearance: Without distinct damage, and
the marking shall be legible.
Thermal Cycling (Air to Air) Test
Repeat 1,000 cycles as follows:
-55°C (30 min.) / +155°C (30 min.) Transition Time =
±1.0% Appearance: Without distinct damage, and
the marking shall be legible.
Temperature HumidityTest
Temperature of 60°C with relative humidity 90~
95%. 1,000 hours.
±1.0% Appearance: Without distinct damage, and
the marking shall be legible.
HAST (Autoclave)
30 PSIA, 121°C, 48h
±1.0% Appearance: Without distinct damage,
and the marking shall be legible.
VibrationTest
Frequency 10 - 2000Hz/20min. Acceleration 15G
X.Y.Z Direction each 12 cycles (12 hours total) (MIL-
STD-202-Method 204 - Condition B)
±1.0% Appearance: Without distinct damage, and
the marking shall be legible.
Mechanical Shock Test
50G’s peak for 11 milliseconds
(MIL-STD-202-Method 213 - Condition A)
±1.0% Appearance: Without distinct damage,
and the marking shall be legible.
Terminal Strength
Applied force based on part size
±0.5% Appearance: Without distinct damage, and
the marking shall be legible.
Flex Strength
Span 90mm, Flex of 2mm for 10 seconds
±1.0% Appearance: Without distinct damage, and
the marking shall be legible.
Resistance to Soldering Heat (1) Reflow soldering as per JEDEC-J-STD-020. Repeat
for a total of 3 cycles.
±1.0% Parts must meet initial electrical specs.
Appearance: Without distinct damage, and the
marking shall be legible.
Resistance to Soldering Heat (2)
One reflow cycle as per JEDEC-J-STD-020 followed
by cool down and then “hand soldering” which
consists of dipping in 260°C solder for 10 seconds
±1.0% Parts must meet initial electrical specs.
Appearance: Without distinct damage, and the
marking shall be legible.
Solderability
Immersed in solder-molten bath at 245°C for
3±1sec.
A new solder shall cover minimum of 95%.
Reliability Specifications



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com