Electronic Components Datasheet Search
  English  ▼

X  

L4CA/C Datasheet(PDF) 6 Page - Littelfuse

Part # L4CA/C
Description  Four-Terminal Surface Mount Resistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

L4CA/C Datasheet(HTML) 6 Page - Littelfuse

  L4CA/C Datasheet HTML 1Page - Littelfuse L4CA/C Datasheet HTML 2Page - Littelfuse L4CA/C Datasheet HTML 3Page - Littelfuse L4CA/C Datasheet HTML 4Page - Littelfuse L4CA/C Datasheet HTML 5Page - Littelfuse L4CA/C Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Current Sense Resistor Datasheet
© 2023 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: GD. 09/19/23
6
Four-Terminal Surface Mount Resistor
L4CA/C Series
Disclaimer Notice - Information furnished is believed to be accurate and reliable. However, users should independently evaluate the suitability of and test each product selected for their own applications. Littelfuse products are
not designed for, and may not be used in, all applications. Read complete Disclaimer Notice at http://www.littelfuse.com/disclaimer-electronics.
Part Numbering System
Tape and Reel Specifications
L4CA 0612 R L R001 F N R
Series
Quantity Code
Tolerance Code
Packaging Code
Size
Resistance Value Code
TCR
Littelfuse Surface
Mount CSR
4 digit code for all values.
R or M denotes decimal
position as necessary
Q = ±50 ppm °C
R = ±100 ppm °C
G = ±150 ppm °C
N = 5,000
F = ±1%
D = ± 0.5%
R = Tape and Reel
Part Number
A±5 (mm)
N±2 (mm)
W1±1 (mm)
L4CA0612
178
60
9.0
L4CC0306
178
60
9.0
Part Number
W
P0
P
P2
A0
B0
D0
F
E
T
T1
K0
L4CA0612
8.00±0.30
4.00±0.10
4.00±0.10
2.00±0.10
1.90±0.20
3.50±0.20
1.50±0.10
3.50±0.10
1.75±0.10
0.20±0.10
Max. 0.1
0.85±0.20
L4CC0306
8.00±0.30
4.00±0.10
4.00±0.10
2.00±0.10
0.98 ± 0.20
1.85 ± 0.20
1.50±0.10
3.50±0.10
1.75±0.10
0.75 ± 0.20
Note: Tape and reel packaging in accordance to EIA-481
(Not applicable for L4CA)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com