Electronic Components Datasheet Search
  English  ▼

X  

L4CA/C Datasheet(PDF) 3 Page - Littelfuse

Part # L4CA/C
Description  Four-Terminal Surface Mount Resistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

L4CA/C Datasheet(HTML) 3 Page - Littelfuse

  L4CA/C Datasheet HTML 1Page - Littelfuse L4CA/C Datasheet HTML 2Page - Littelfuse L4CA/C Datasheet HTML 3Page - Littelfuse L4CA/C Datasheet HTML 4Page - Littelfuse L4CA/C Datasheet HTML 5Page - Littelfuse L4CA/C Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Current Sense Resistor Datasheet
© 2023 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: GD. 09/19/23
3
Four-Terminal Surface Mount Resistor
L4CA/C Series
Temperature De-rating Curve
Storage / Environment Conditions
Time
TP
TL
TS(max)
TS(min)
25
tP
tL
tS
time to peak temperature
Preheat
Preheat
Ramp-up
Ramp-up
Ramp-down
Ramp-dow
Critical Zone
TL to TP
Critical Zone
TL to TP
Profile Feature
Pb-Free Assembly
Average Ramp-Up Rate (Tsmax to Tp)
3 ºC / second max
Preheat
Temperature Minimum (Tsmin)
150 ºC
Temperature Maximum (Tsmax)
200 ºC
Time (Tsmin to (Tsmax)
60–180 seconds
Time maintained above
Temperature Minimum (TL)
Time (tL)
217 ºC
60–150 seconds
Peak Temperature (TP)
260 +0 ºC
Time within 5 ºC of
Actual Peak Temperature (tp)
20–40 seconds
Ramp-Down Rate
6 ºC / second Maximum
Time 25 ºC to Peak Temperature
8 minutes Maximum
Soldering Parameters–Wave Soldering
Products should be stored under the following environmental
conditions.
Temperature:
+5 to +35 °C
Humidity:
45 to 85% relative humidity
Moisture Sensitivity
Level: 1, J-STD-020
Do not keep products in environments where they may be subject
to particulate contamination or harmful gases such as sulfuric acid
or hydrogen chloride as it may cause oxidization on electrodes,
resulting poor solderability.
Products should be stored in a space that does not expose to high
temperatures, vibration, or direct sunlight.
Products should be stored in the original airtight packaging
until use.
-55
0
0
20
40
60
80
100
40
Ambient Temperature (ºC)
70
80
120
155



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com