Electronic Components Datasheet Search
  English  ▼

X  

L4CA/C Datasheet(PDF) 5 Page - Littelfuse

Part # L4CA/C
Description  Four-Terminal Surface Mount Resistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

L4CA/C Datasheet(HTML) 5 Page - Littelfuse

  L4CA/C Datasheet HTML 1Page - Littelfuse L4CA/C Datasheet HTML 2Page - Littelfuse L4CA/C Datasheet HTML 3Page - Littelfuse L4CA/C Datasheet HTML 4Page - Littelfuse L4CA/C Datasheet HTML 5Page - Littelfuse L4CA/C Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Current Sense Resistor Datasheet
© 2023 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: GD. 09/19/23
5
Four-Terminal Surface Mount Resistor
L4CA/C Series
Dimensions
Recommended Land Pattern
All dimensions in mm
Part Number
W
L
T
D
C
B
A
L4CA0612
3.20±0.20
1.55±0.20
0.50±0.20
2.16±0.20
0.50±0.20
0.46±0.20
0.41±0.20
L4CC0306
1.60±0.20
0.80±0.15
0.55±0.10
0.93±0.20
0.40±0.10
0.23±0.10
0.18±0.10
Part Number
P
W
D
V
E
Loading
L4CA0612
0.762 mm
2.29 mm
1.014 mm
0.762 mm
0.381 mm
1.0 W
L4CC0306
0.35 mm
1.30 mm
0.40 mm
0.40 mm
0.20 mm
0.33 W
Packaging
Part Number
Halogen Free
Packaging Option
Quantity
Quantity & Packaging Codes
L4CA0612
Yes
Tape and Reel
5000
NR
L4CC0306
Yes
Tape and Reel
5000
NR



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com