Electronic Components Datasheet Search
  English  ▼

X  

SA555 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SA555
Description  PRECISION TIMERS SE555C FROM TI IS NOT RECOMMENDED FOR NEW DESIGNS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SA555 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SA555 Datasheet HTML 2Page - Texas Instruments SA555 Datasheet HTML 3Page - Texas Instruments SA555 Datasheet HTML 4Page - Texas Instruments SA555 Datasheet HTML 5Page - Texas Instruments SA555 Datasheet HTML 6Page - Texas Instruments SA555 Datasheet HTML 7Page - Texas Instruments SA555 Datasheet HTML 8Page - Texas Instruments SA555 Datasheet HTML 9Page - Texas Instruments SA555 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
THRES voltage level
TRIG voltage level
RESET current
CONT voltage (open circuit)
Low-level output voltage
Supply current
VCC = 15 V
VCC = 5 V
VCC = 15 V
Output low,
No load
Output high,
No load
V
V
mA
V
V
V
Initial error of timing interval†
%/V
ns
CL = 15 pF
Supply voltage sensitivity of timing interval
SLFS022 – D1669, SEPTEMBER 1973—REVISED FEBRUARY 1992
NE555Y
PRECISION TIMERS
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
6
electrical characteristics, VCC = 5 V to 15 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC = 15 V
8.8
10
11.2
VCC = 5 V
2.4
3.3
4.2
THRES current (see Note 2)
30
250
nA
VCC = 15 V
4.5
5
5.6
VCC = 5 V
1.1
1.67
2.2
TRIG current
TRIG at 0 V
0.5
2
µA
RESET voltage level
0.3
0.7
1
V
RESET at VCC
0.1
0.4
RESET at 0 V
– 0.4
– 1.5
DISCH switch off-state current
20
100
nA
VCC = 15 V
9
10
11
VCC = 5 V
2.6
3.3
4
IOL = 10 mA
0.1
0.25
IOL = 50 mA
0.4
0.75
IOL = 100 mA
2
2.5
IOL = 200 mA
2.5
IOL = 5 mA
0.1
0.35
IOL = 8 mA
0.15
0.4
IOH = – 100 mA
12.75
13.3
High-level output voltage
IOH = – 200 mA
12.5
VCC = 5 V
IOH = – 100 mA
2.75
3.3
VCC = 15 V
10
15
VCC = 5 V
3
6
mA
VCC = 15 V
9
13
VCC = 5 V
2
5
NOTE 2: This parameter influences the maximum value of the timing resistors RA and RB in the circuit of Figure 12. For example, when
VCC = 5 V, the maximum value is R = RA + RB ≈ 3.4 MΩ, and for VCC = 15 V, the maximum value is 10 MΩ
operating characteristics, VCC = 5 V and 15 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Each timer, monostable‡
1%
3%
Each timer, astable§
2.25%
Each timer, monostable‡
0.1
0.5
Each timer, astable§
0.3
Output pulse rise time
100
300
Output pulse fall time
100
300
† Timing interval error is defined as the difference between the measured value and the average value of a random sample from each process run.
‡ Values specified are for a device in a monostable circuit similar to Figure 9, with component values as follow: RA = 2 kΩ to 100 kΩ, C = 0.1 µF.
§ Values specified are for a device in an astable circuit similar to Figure 12, with component values as follow: RA = 1 kΩ to 100 kΩ, C = 0.1 µF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com