Electronic Components Datasheet Search
  English  ▼

X  

SA555 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SA555
Description  PRECISION TIMERS SE555C FROM TI IS NOT RECOMMENDED FOR NEW DESIGNS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SA555 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SA555 Datasheet HTML 6Page - Texas Instruments SA555 Datasheet HTML 7Page - Texas Instruments SA555 Datasheet HTML 8Page - Texas Instruments SA555 Datasheet HTML 9Page - Texas Instruments SA555 Datasheet HTML 10Page - Texas Instruments SA555 Datasheet HTML 11Page - Texas Instruments SA555 Datasheet HTML 12Page - Texas Instruments SA555 Datasheet HTML 13Page - Texas Instruments SA555 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
SLFS022 – D1669, SEPTEMBER 1973—REVISED FEBRUARY 1992
NE555, SA555, SE555, SE555C
PRECISION TIMERS
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
10
APPLICATION INFORMATION
astable operation
As shown in Figure 12, adding a second resistor, RB, to the circuit of Figure 9 and connecting the trigger input
to the threshold input causes the timer to self-trigger and run as a multivibrator. The capacitor C will charge
through RA and RB and then discharge through RB only. The duty cycle may be controlled, therefore, by the
values of RA and RB.
This astable connection results in capacitor C charging and discharging between the threshold-voltage level
(
≈0.67•VCC) and the trigger-voltage level (≈0.33•VCC). As in the monostable circuit, charge and discharge
times (and therefore the frequency and duty cycle) are independent of the supply voltage.
GND
OUT
VCC
CONT
RESET
DISCH
THRES
TRIG
C
RB
RA
Output
RL
0.01
µF
VCC
(5 V to 15 V)
(see Note A)
Time – 0.5 ms/div
t
H
Capacitor Voltage
Output Voltage
tL
RA = 5 kΩ
RL = 1 kΩ
RB = 3 kΩ
See Figure 12
C = 0.15
µF
NOTE A: Decoupling CONT voltage to ground with a
capacitor may improve operation. This should be
evaluated for individual applications.
Open
58
4
7
6
2
3
1
Pin numbrs shown are for the D, JG, and P packages.
Figure 12. Circuit for Astable Operation
Figure 13. Typical Astable Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com