Electronic Components Datasheet Search
  English  ▼

X  

SA555 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SA555
Description  PRECISION TIMERS SE555C FROM TI IS NOT RECOMMENDED FOR NEW DESIGNS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SA555 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SA555 Datasheet HTML 7Page - Texas Instruments SA555 Datasheet HTML 8Page - Texas Instruments SA555 Datasheet HTML 9Page - Texas Instruments SA555 Datasheet HTML 10Page - Texas Instruments SA555 Datasheet HTML 11Page - Texas Instruments SA555 Datasheet HTML 12Page - Texas Instruments SA555 Datasheet HTML 13Page - Texas Instruments SA555 Datasheet HTML 14Page - Texas Instruments SA555 Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
SLFS022 – D1669, SEPTEMBER 1973—REVISED FEBRUARY 1992
NE555, SA555, SE555, SE555C
PRECISION TIMERS
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
11
APPLICATION INFORMATION
Figure 13 shows typical waveforms generated during astable operation. The output high-level duration tH and
low-level duration tL may be calculated as follows:
C – Capacitance –
µF
100 k
10 k
1 k
100
10
1
100
10
1
0.1
0.01
0.1
0.001
tH + 0.693 (RA ) RB) C
tL + 0.693 (RB) C
Other useful relationships are shown below.
period
+ t
H ) tL + 0.693 (RA ) 2RB)C
frequency
[
1.44
(R
A )
2RB)C
Output driver duty cycle
+
tL
tH ) tL
+
RB
R
A )
2RB
Output waveform duty cycle
+
tH
tH ) tL
+ 1 *
RB
R
A )
2RB
Low t high ratio
+
tL
tH
+
RB
R
A )
RB
- o-
RA + 2 RB = 10 MΩ
RA + 2 RB = 1 MΩ
RA + 2 RB = 100 kΩ
RA + 2 RB = 10 kΩ
RA + 2 RB = 1 kΩ
Figure 14. Free-Running Frequency
missing-pulse detector
The circuit shown in Figure 15 may be used to detect a missing pulse or abnormally long spacing between
consecutive pulses in a train of pulses. The timing interval of the monostable circuit is continuously retriggered
by the input pulse train as long as the pulse spacing is less than the timing interval. A longer pulse spacing,
missing pulse, or terminated pulse train permits the timing interval to be completed, thereby generating an
output pulse as illustrated in Figure 16.
Time – 0.1 ms/div
VCC = 5 V
RA = 1 kΩ
C = 0.1
µF
See Figure 15
Capacitor Voltage
Output Voltage
Input Voltage
VCC (5 V to 15 V)
DISCH
OUT
VCC
RESET
RL
RA
A5T3644
C
THRES
GND
CONT
TRIG
Input
0.01
µF
Output
48
3
7
6
2
5
1
Pin numbers shown are shown for the D, JG, and P packages.
Figure 15. Circuit for Missing-Pulse Detector
Figure 16. Missing-Pulse Detector Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com