Electronic Components Datasheet Search
  English  ▼

X  

SE555CD Datasheet(PDF) 5 Page - Texas Instruments

Part # SE555CD
Description  PRECISION TIMERS SE555C FROM TI IS NOT RECOMMENDED FOR NEW DESIGNS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SE555CD Datasheet(HTML) 5 Page - Texas Instruments

  SE555CD Datasheet HTML 1Page - Texas Instruments SE555CD Datasheet HTML 2Page - Texas Instruments SE555CD Datasheet HTML 3Page - Texas Instruments SE555CD Datasheet HTML 4Page - Texas Instruments SE555CD Datasheet HTML 5Page - Texas Instruments SE555CD Datasheet HTML 6Page - Texas Instruments SE555CD Datasheet HTML 7Page - Texas Instruments SE555CD Datasheet HTML 8Page - Texas Instruments SE555CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
THRES voltage level
TRIG voltage level
RESET current
CONT voltage (open circuit)
Low-level output voltage
Supply current
VCC = 15 V
VCC = 5 V
VCC = 15 V
Output low,
No load
Output high,
No load
V
V
mA
V
V
V
TEST
CONDITIONS†
Initial error of timing interval‡
TA = 25°C
TA = MIN to MAX
TA = 25°C
ppm/
°C
%/V
ns
SLFS022 – D1669, SEPTEMBER 1973—REVISED FEBRUARY 1992
NE555, SA555, SE555, SE555C
PRECISION TIMERS
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
5
electrical characteristics, VCC = 5 V to 15 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
SE555
NE555, SA555,
SE555C
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
VCC = 15 V
9.4
10
10.6
8.8
10
11.2
VCC = 5 V
2.7
3.3
4
2.4
3.3
4.2
THRES current (see Note 2)
30
250
30
250
nA
VCC = 15 V
4.8
5
5.2
4.5
5
5.6
VCC = 5 V
1.45
1.67
1.9
1.1
1.67
2.2
TRIG current
TRIG at 0 V
0.5
0.9
0.5
2
µA
RESET voltage level
0.3
0.7
1
0.3
0.7
1
V
RESET at VCC
0.1
0.4
0.1
0.4
RESET at 0 V
– 0.4
–1
– 0.4
– 1.5
DISCH switch off-state current
20
100
20
100
nA
VCC = 15 V
9.6
10
10.4
9
10
11
VCC = 5 V
2.9
3.3
3.8
2.6
3.3
4
IOL = 10 mA
0.1
0.15
0.1
0.25
IOL = 50 mA
0.4
0.5
0.4
0.75
IOL = 100 mA
2
2.2
2
2.5
IOL = 200 mA
2.5
2.5
IOL = 5 mA
0.1
0.2
0.1
0.35
IOL = 8 mA
0.15
0.25
0.15
0.4
IOH = – 100 mA
13
13.3
12.75
13.3
High-level output voltage
IOH = – 200 mA
12.5
12.5
VCC = 5 V
IOH = – 100 mA
3
3.3
2.75
3.3
VCC = 15 V
10
12
10
15
VCC = 5 V
3
5
3
6
mA
VCC = 15 V
9
10
9
13
VCC = 5 V
2
4
2
5
NOTE 2: This parameter influences the maximum value of the timing resistors RA and RB in the circuit of Figure 12. For example, when
VCC = 5 V, the maximum value is R = RA + RB ≈ 3.4 MΩ, and for VCC = 15 V, the maximum value is 10 MΩ.
operating characteristics, VCC = 5 V and 15 V
PARAMETER
SE555
NE555, SA555,
SE555C
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
Each timer, monostable§
0.5%
1.5%
1%
3%
Each timer, astable¶
1.5%
2.25%
Temperature coefficient
Each timer, monostable§
30
100
50
of timing interval
Each timer, astable¶
90
150
Supply voltage sensitivity
Each timer, monostable§
0.05
0.2
0.1
0.5
of timing interval
Each timer, astable¶
0.15
0.3
Output pulse rise time
CL = 15 pF,
100
200
100
300
Output pulse fall time
TA = 25°C
100
200
100
300
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
‡ Timing interval error is defined as the difference between the measured value and the average value of a random sample from each process run.
§ Values specified are for a device in a monostable circuit similar to Figure 9, with component values as follow: RA = 2 kΩ to 100 kΩ, C = 0.1 µF.
¶ Values specified are for a device in an astable circuit similar to Figure 12, with component values as follow: RA = 1 kΩ to 100 kΩ, C = 0.1 µF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com