Electronic Components Datasheet Search
  English  ▼

X  

SE555CD Datasheet(PDF) 3 Page - Texas Instruments

Part # SE555CD
Description  PRECISION TIMERS SE555C FROM TI IS NOT RECOMMENDED FOR NEW DESIGNS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SE555CD Datasheet(HTML) 3 Page - Texas Instruments

  SE555CD Datasheet HTML 1Page - Texas Instruments SE555CD Datasheet HTML 2Page - Texas Instruments SE555CD Datasheet HTML 3Page - Texas Instruments SE555CD Datasheet HTML 4Page - Texas Instruments SE555CD Datasheet HTML 5Page - Texas Instruments SE555CD Datasheet HTML 6Page - Texas Instruments SE555CD Datasheet HTML 7Page - Texas Instruments SE555CD Datasheet HTML 8Page - Texas Instruments SE555CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
SLFS022 – D1669, SEPTEMBER 1973—REVISED FEBRUARY 1992
NE555Y
PRECISION TIMERS
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
3
chip information
These chips, properly assembled, display characteristics similar to the NE555 (see electrical table for NE555Y).
Thermal compression or ultrasonic bonding may be used on the doped aluminum bonding pads. Chips may be
mounted with conductive epoxy or a gold-silicon preform.
GND
RESET
(4)
CONT
VCC
(8)
1
THRES
TRIG
R
R
R
DISCH
OUT
S
R
R1
CHIP THICKNESS: 15 TYPICAL
BONDING PADS: 4
× 4 MINIMUM
TJ max = 150° C
TOLERANCES ARE
± 10%
ALL DIMENSIONS ARE IN MILS
PIN (1) INTERNALLY CONNECTED
TO BACKSIDE OF CHIP
(5)
(6)
(2)
(1)
(7)
(3)
BONDING PAD ASSIGNMENTS
41
42
(1)
(2)
(3)
(4)
(8)
(7)
(6)
(5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com