Electronic Components Datasheet Search
  English  ▼

X  

SE555CD Datasheet(PDF) 1 Page - Texas Instruments

Part # SE555CD
Description  PRECISION TIMERS SE555C FROM TI IS NOT RECOMMENDED FOR NEW DESIGNS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SE555CD Datasheet(HTML) 1 Page - Texas Instruments

  SE555CD Datasheet HTML 1Page - Texas Instruments SE555CD Datasheet HTML 2Page - Texas Instruments SE555CD Datasheet HTML 3Page - Texas Instruments SE555CD Datasheet HTML 4Page - Texas Instruments SE555CD Datasheet HTML 5Page - Texas Instruments SE555CD Datasheet HTML 6Page - Texas Instruments SE555CD Datasheet HTML 7Page - Texas Instruments SE555CD Datasheet HTML 8Page - Texas Instruments SE555CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
NE555Y
CHIP FORM
(Y)
SLFS022 – D1669, SEPTEMBER 1973—REVISED FEBRUARY 1992
NE555, NE555Y, SA555, SE555, SE555C
PRECISION TIMERS
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Copyright
© 1991, Texas Instruments Incorporated
1
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard
warranty. Production processing does not necessarily include testing of all
parameters.
• Timing From Microseconds to Hours
• Astable or Monostable Operation
• Adjustable Duty Cycle
• TTL-Compatible Output Can Sink or
Source up to 200 mA
• Functionally Interchangeable With the
Signetics NE555, SA555, SE555, SE555C;
Have Same Pinout
SE555C FROM TI IS NOT RECOMMENDED
FOR NEW DESIGNS
description
These devices are precision monolithic timing
circuits capable of producing accurate time delays
or oscillation. In the time-delay or monostable
mode of operation, the timed interval is controlled
by a single external resistor and capacitor
network. In the astable mode of operation, the
frequency and duty cycle may be independently
controlled with two external resistors and a single
external capacitor.
The threshold and trigger levels are normally two-thirds and one-third, respectively, of VCC. These levels can
be altered by use of the control voltage terminal. When the trigger input falls below the trigger level, the flip-flop
is set and the output goes high. If the trigger input is above the trigger level and the threshold input is above the
threshold level, the flip-flop is reset and the output is low. RESET can override all other inputs and can be used
to initiate a new timing cycle. When RESET goes low, the flip-flop is reset and the output goes low. Whenever
the output is low, a low-impedance path is provided between DISCH and ground.
The output circuit is capable of sinking or sourcing current up to 200 mA. Operation is specified for supplies of
5 V to 15 V. With a 5-V supply, output levels are compatible with TTL inputs.
The NE555 is characterized for operation from 0
°C to 70°C. The SA555 is characterized for operation from
–40
°C to 85°C. The SE555 and SE555C are characterized for operation over the full military range of –55°C
to 125
°C.
AVAILABLE OPTIONS
PACKAGE
TA
VTHRES max
VCC = 15 V
SMALL OUTLINE
(D)
CHIP CARRIER
(FK)
CERAMIC DIP
(J)
PLASTIC DIP
(P)
0
°C to 70°C
11.2 V
NE555D
NE555P
–40
°C to 85°C
11.2 V
SA555D
SA555P
–55
°C to 125°C
10.6 V
11.2 V
SE555D
SE555CD
SE555FK
SE555CFK
SE555JG
SE555CJG
SE555P
SE555CP
The D package is available taped and reeled. Add the suffix R to the device type (e.g., NE555DR).
1
2
3
4
8
7
6
5
GND
TRIG
OUT
RESET
VCC
DISCH
THRES
CONT
D, JG, OR P PACKAGE
(TOP VIEW)
321 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
NC
DISCH
NC
THRES
NC
NC
TRIG
NC
OUT
NC
FK PACKAGE
(TOP VIEW)
NC–No internal connection


Similar Part No. - SE555CD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SE555C PHILIPS-SE555C Datasheet
120Kb / 7P
Timer
August 31, 1994
SE555CF PHILIPS-SE555CF Datasheet
120Kb / 7P
Timer
August 31, 1994
SE555CFE PHILIPS-SE555CFE Datasheet
120Kb / 7P
Timer
August 31, 1994
SE555CN PHILIPS-SE555CN Datasheet
120Kb / 7P
Timer
August 31, 1994
More results

Similar Description - SE555CD

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2524 MICREL-MIC2524 Datasheet
100Kb / 12P
Quad USB Power Control Switch Not Recommended for New Designs
MIC2525 MICREL-MIC2525 Datasheet
93Kb / 12P
USB Power Control Switch Not Recommended for New Designs
MIC2526 MICREL-MIC2526 Datasheet
95Kb / 12P
Dual USB Power Control Switch Not Recommended for New Designs
logo
Zarlink Semiconductor I...
SL1640 ZARLINK-SL1640 Datasheet
80Kb / 6P
THIS DOCUMENT IS FOR MAINTENANCE PURPOSES ONLY AND IS NOT RECOMMENDED FOR NEW DESIGNS
logo
Micrel Semiconductor
MIC2507 MICREL-MIC2507 Datasheet
86Kb / 8P
Quad Integrated High-Side Switch Not Recommended for New Designs
logo
List of Unclassifed Man...
IMST212 ETC1-IMST212 Datasheet
2Mb / 52P
TRANSPUTER RECOMMENDED FOR NEW DESIGNS
logo
Schurter Inc.
PFRX SCHURTER-PFRX Datasheet
332Kb / 3P
On phase-out, not recommended for new designs
logo
Micrel Semiconductor
MIC94002 MICREL-MIC94002 Datasheet
37Kb / 2P
Dual P-Channel MOSFET Not Recommended for New Designs
logo
Micro Commercial Compon...
SK12-TP MCC-SK12-TP Datasheet
275Kb / 5P
NOT RECOMMENDED FOR NEW DESIGNS
logo
Quantum Research Group
QT118HA-ISG QUANTUM-QT118HA-ISG Datasheet
213Kb / 12P
NOT RECOMMENDED FOR NEW DESIGNS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com