Electronic Components Datasheet Search
  English  ▼

X  

RT9911 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9911
Description  6 Channel DC/DC Converters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9911 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9911 Datasheet HTML 1Page - Richtek Technology Corporation RT9911 Datasheet HTML 2Page - Richtek Technology Corporation RT9911 Datasheet HTML 3Page - Richtek Technology Corporation RT9911 Datasheet HTML 4Page - Richtek Technology Corporation RT9911 Datasheet HTML 5Page - Richtek Technology Corporation RT9911 Datasheet HTML 6Page - Richtek Technology Corporation RT9911 Datasheet HTML 7Page - Richtek Technology Corporation RT9911 Datasheet HTML 8Page - Richtek Technology Corporation RT9911 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
RT9911
1
DS9911-04 August 2007
www.richtek.com
6 Channel DC/DC Converters
General Description
The RT9911 is a complete power-supply solution for digital
still cameras and other hand-held devices. It integrates
one selectable Boost/Buck DC-DC converter, one high-
efficiency step-down DC-DC converter, one high-efficiency
main step-up converter, one PWM converter for CCD
positive voltage, one inverter for CCD negative voltage and
one white LED driver for LCD backlight. The RT9911 is
targeted for applications that use either two or three primary
cells or a single lithium-ion battery.
RT9911 is available inVQFN-40L6x6. EachDC-DC converter
has independent shutdown input.
Features
1.6V to 5.5V Battery Input Voltage Range
Synchronous Boost/Buck Selectable DC-DC
Converter
Internal Switches
Up to 95% Efficiency
Syn-Buck DC-DC Converters
0.8V to 5.5V Adjustable Output Voltage
Up to 95% Efficiency
100%(MAX) Duty Cycle
Internal Switches
Main Boost DC-DC Converter
Adjustable Output Voltage
Up to 97% Efficiency
PWM Converter for CCD Positive Voltage
Inverter for CCD Negative Voltage
White LED Driver for LCD Panel Backlight
Up to 1.4MHz Adjustable Switching Frequency
1
μμμμμA Supply Current in Shutdown Mode
External Compensation Network for all Converters
Independent Enable Pin to Shutdown Each
Channel.
40-Lead VQFN Package
RoHS Compliant and 100% Lead (Pb)-Free
Applications
Digital Still Camera
PDA
Protable Device
Ordering Information
Note :
Richtek Pb-free and Green products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
100% matte tin (Sn) plating.
Pin Configurations
(TOP VIEW)
VQFN-40L 6x6
RT9911
Package Type
QV : VQFN-40L 6x6 (V-Type)
Operating Temperature Range
P : Pb Free with Commercial Standard
G : Green (Halogen Free with Commer-
cial Standard)
--
GND
OK2
RT
VREF
VDDM
GND
FB1
COMP1
PGND1
LX1
LX2
PGND2
FB3
COMP3
CS3
DRN3
DRP3
VFB6
CFB6
COMP6
30
29
28
27
26
25
24
23
22
21
31
32
33
34
35
36
37
38
39
40
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
GND
41


Similar Part No. - RT9911

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9911 RICHTEK-RT9911_11 Datasheet
612Kb / 32P
6 Channel DC/DC Converters
More results

Similar Description - RT9911

ManufacturerPart #DatasheetDescription
logo
Power-One
IMO POWER-ONE-IMO Datasheet
107Kb / 2P
6 Watt DC-DC Converters
logo
List of Unclassifed Man...
AM6T ETC1-AM6T Datasheet
527Kb / 3P
6 watt dc-dc converters
logo
AIMTEC
AM6T AIMTEC-AM6T Datasheet
279Kb / 3P
6 watt dc-dc converters
AM6T-N AIMTEC-AM6T-N Datasheet
195Kb / 3P
6 watt dc-dc converters
AM6TW AIMTEC-AM6TW Datasheet
248Kb / 2P
6 watt dc-dc converters
AM6TW-N AIMTEC-AM6TW-N Datasheet
310Kb / 3P
6 watt dc-dc converters
logo
Richtek Technology Corp...
RT9911 RICHTEK-RT9911_11 Datasheet
612Kb / 32P
6 Channel DC/DC Converters
logo
Wall Industries,Inc.
DCPDLW06 WALL-DCPDLW06 Datasheet
887Kb / 6P
6 Watt DC/DC Power Converters
logo
Richtek Technology Corp...
RT5035A RICHTEK-RT5035A Datasheet
1Mb / 44P
Channel DC-DC Converters
logo
Wall Industries,Inc.
DCPDLW06 WALL-DCPDLW06_16 Datasheet
824Kb / 6P
6 Watt DC/DC Power Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com