Electronic Components Datasheet Search
  English  ▼

X  

RT9911 Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT9911
Description  6 Channel DC/DC Converters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9911 Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT9911 Datasheet HTML 9Page - Richtek Technology Corporation RT9911 Datasheet HTML 10Page - Richtek Technology Corporation RT9911 Datasheet HTML 11Page - Richtek Technology Corporation RT9911 Datasheet HTML 12Page - Richtek Technology Corporation RT9911 Datasheet HTML 13Page - Richtek Technology Corporation RT9911 Datasheet HTML 14Page - Richtek Technology Corporation RT9911 Datasheet HTML 15Page - Richtek Technology Corporation RT9911 Datasheet HTML 16Page - Richtek Technology Corporation RT9911 Datasheet HTML 17Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
RT9911
13
DS9911-04 August 2007
www.richtek.com
VIN = 3.3V, VOUT = 1.8V, IOUT = 300mA
CH2 LX2 and Output Voltage Ripple
Time (1
μs/Div)
VIN = 4.2V, VOUT = 2.5V, IOUT = 400mA
CH2 LX2 and Output Voltage Ripple
Time (1
μs/Div)
CH2 Buck Efficiency vs. Output Current
0
10
20
30
40
50
60
70
80
90
100
10
100
1000
Output Current (mA)
VIN = 2.5V
= 3.0V
= 3.8V
= 4.5V
VOUT = 1.8V
CH1 Buck Output Voltage vs. Output Current
3.365
3.366
3.367
3.368
3.369
3.370
3.371
3.372
3.373
3.374
3.375
0
100 200 300 400
500 600 700 800 900
Loading Current (mA)
VIN = 3.7V, VOUT = 3.3V
CH1 Boost Output Voltage vs. Output Current
3.320
3.321
3.322
3.323
3.324
3.325
3.326
3.327
3.328
3.329
3.330
0
100 200 300 400 500 600 700 800 900
Output Current (mA)
VIN = 2.4V, VOUT = 3.3V
CH1 Boost Output Voltage vs. VDDM Voltage
3.20
3.21
3.22
3.23
3.24
3.25
3.26
3.27
3.28
3.29
3.30
2.4
2.8
3.2
3.6
4.0
4.4
4.8
5.2
5.6
VDDM Voltage (V)
VIN = 2.5V, VOUT = 3.3V, IOUT = 250mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com