Electronic Components Datasheet Search
  English  ▼

X  

RT9911 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9911
Description  6 Channel DC/DC Converters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9911 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9911 Datasheet HTML 1Page - Richtek Technology Corporation RT9911 Datasheet HTML 2Page - Richtek Technology Corporation RT9911 Datasheet HTML 3Page - Richtek Technology Corporation RT9911 Datasheet HTML 4Page - Richtek Technology Corporation RT9911 Datasheet HTML 5Page - Richtek Technology Corporation RT9911 Datasheet HTML 6Page - Richtek Technology Corporation RT9911 Datasheet HTML 7Page - Richtek Technology Corporation RT9911 Datasheet HTML 8Page - Richtek Technology Corporation RT9911 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
RT9911
2
DS9911-04 August 2007
www.richtek.com
Typical Application Circuit
Figure 1. Application Circuit for 2-Cells Battery Supply
Note :
Bottom pad is GND pad, can be short to pin 6 (GND).
Please remove Q2 when use Async Boost and remove D5 when use Sync Boost.
PVDD1
FB2
OK2
FB1
LX2
PVDD2
LX1
DRN3
GND
GND
CS3
VREF
PVDD5
FB4
EXT4
9
11
10
7
26
2
30
25
19
23
22
20
33
31
4
13
14
18
5
RT9911
PGND1
10uF
VBAT
2.2M
10uF
VBAT
10uF
1M
10uFx2
125k
4.7uF
10uF
VBAT
FB5
EXT5
EXT6
VFB6
CFB6
1uF
VBAT
100pF
470k
150k
510k
300k
240k
10uF
VCORE
1.8V
300mA
10uF
VBAT
10uFx2
10uFx2
10uFx4
470k
VS
3.3V
DRP3
FB3
90.9k
Motor
5V
500mA
PVDD3
28
24
EN1
EN1
EN3
EN4
EN5
EN6
EN1
EN2
EN3
EN4
EN5
EN6
RT
VS
3.3V
CCD
12V
20mA
CCD
-8V/40mA
VS
3.3V
I/O
3.3V
500mA
832 27 16 12 21
40
39
38
37
36
35
6
3
1
15
17
34
29 PGND2
C1 to C2
C7
C9
C11
C12 to C13
C15 to
C18
C19
C20
C21
C24
C26 to C27
4.7uF
C28
C29
C30
C31 to C36
R1
R2
R3
R4
R5
R6
R7
R8
R9
R10
R11
R12
R13
10
R14
R15 to R21
L1
L4
L5
L6
L2
L3
SS0520
SS0520
SS0520
D1
D2
D3
Q1
Q3
Q4
Q5
Q6
4.7uH
10uFx4
C3 to C6
0.1uF
C8
4.7uH
100pF
C10
4.7uH
100pF
C14
4.7uH
100pF
C22
205k
3.3uH
100pF
C25
4.7uH
300k
D4
3.3V
1uF
C23
Q2
D5
D6
D7
D8
Bottom PAD
1.8V to 3.2V
D9
1M
20k
R22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com