Electronic Components Datasheet Search
  English  ▼

X  

RT9911 Datasheet(PDF) 21 Page - Richtek Technology Corporation

Part # RT9911
Description  6 Channel DC/DC Converters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9911 Datasheet(HTML) 21 Page - Richtek Technology Corporation

Back Button RT9911 Datasheet HTML 17Page - Richtek Technology Corporation RT9911 Datasheet HTML 18Page - Richtek Technology Corporation RT9911 Datasheet HTML 19Page - Richtek Technology Corporation RT9911 Datasheet HTML 20Page - Richtek Technology Corporation RT9911 Datasheet HTML 21Page - Richtek Technology Corporation RT9911 Datasheet HTML 22Page - Richtek Technology Corporation RT9911 Datasheet HTML 23Page - Richtek Technology Corporation RT9911 Datasheet HTML 24Page - Richtek Technology Corporation RT9911 Datasheet HTML 25Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
RT9911
21
DS9911-04 August 2007
www.richtek.com
Current
Sense
Slope
compensation
Logic
Driver
Fault
Protection
PVDD1
LX1
PGND1
OSC
0.8V
FB1
S
R
Q
COMP1
SELECT
+
-
+
-
-
Current
Sense
Slope
compensation
Logic
Driver
Fault
Protection
PVDD2
LX2
PGND2
OSC
0.8V
FB2
S
R
Q
COMP2
+
-
+
-
-
Current
Sense
Slope
compensation
Logic
Driver
Fault
Protection
PVDD3
PGND2
OSC
0.8V
FB3
S
R
Q
COMP3
+
-
+
-
-
DRP3
DRN3
CS3
Triangle
Wave
Logic
Driver
PVDD5
GND
OSC
1.0V
FB4
S
R
Q
COMP4
+
-
+
-
EXT4
Diming
Control
Triangle
Wave
Logic
Driver
Fault
Protection
PVDD5
GND
OSC
CFB6
S
R
Q
COMP6
+
-
+
-
EXT6
EN6
0.2V
+
Triangle
Wave
Logic
Driver
PVDD5
GND
OSC
FB5
GND
S
R
Q
COMP5
+
-
+
-
EXT5
Figure 3. Detailed Functional Block for each channel
Figure 3(a)
Figure 3(c)
Figure 3(f)
Figure 3(e)
Figure 3(b)
Figure 3(d)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com