Electronic Components Datasheet Search
  English  ▼

X  

TLC976C Datasheet(PDF) 5 Page - Texas Instruments

Part # TLC976C
Description  10-BIT, 20 MSPS, AREA CCD SIGNAL PROCESSOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC976C Datasheet(HTML) 5 Page - Texas Instruments

  TLC976C Datasheet HTML 1Page - Texas Instruments TLC976C Datasheet HTML 2Page - Texas Instruments TLC976C Datasheet HTML 3Page - Texas Instruments TLC976C Datasheet HTML 4Page - Texas Instruments TLC976C Datasheet HTML 5Page - Texas Instruments TLC976C Datasheet HTML 6Page - Texas Instruments TLC976C Datasheet HTML 7Page - Texas Instruments TLC976C Datasheet HTML 8Page - Texas Instruments TLC976C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
TLC976C
10-BIT, 20 MSPS, AREA CCD SIGNAL PROCESSOR
SLAS193 – OCTOBER 1998
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating junction temperature range,
AVCC = VCC1– 3 = 4.75 V, DVDD = 3.3 V, VRT = 3.5 V, VRB = 1.5 V, Fs = 20 MSPS, TA = 25°C (unless
otherwise noted) (continued)
CDS input/AGC
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input signal clamp voltage
2.7
V
Input current for SHR SHV CLP2
High input
VIN = 3 V
1
A
Input current for SHR, SHV, CLP2
Low input
VIN = 0 V
–1
µA
AGC gain
Minimum
AGCGAIN = 0 V
5
7
dB
AGC gain
Maximum
AGCGAIN = 3 V
34
37
39
dB
High-level input current, OBCLP, BLK pulse
1
µA
Low-level input current, OBCLP, BLK pulse
–1
µA
CDS input clock frequency
20
MHz
driver output
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output offset voltage
High
OFFSET = 3 V
0.55
0.65
V
Output offset voltage
Low
OFFSET = 0 V
– 0.35
– 0.45
V
Internal black level
1.36
1.66
1.96
V
Nominal signal voltage at DRIVE-OUT
2
Vp-p
reference voltage
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VRT output voltage
300
Ω AVDD = VCC1 3 = 4 75 V
3.47
3.50
3.53
V
VRB output voltage
300
Ω, AVDD = VCC1–3 = 4.75 V
1.45
1.50
1.55
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com