Electronic Components Datasheet Search
  English  ▼

X  

TLC976C Datasheet(PDF) 1 Page - Texas Instruments

Part # TLC976C
Description  10-BIT, 20 MSPS, AREA CCD SIGNAL PROCESSOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC976C Datasheet(HTML) 1 Page - Texas Instruments

  TLC976C Datasheet HTML 1Page - Texas Instruments TLC976C Datasheet HTML 2Page - Texas Instruments TLC976C Datasheet HTML 3Page - Texas Instruments TLC976C Datasheet HTML 4Page - Texas Instruments TLC976C Datasheet HTML 5Page - Texas Instruments TLC976C Datasheet HTML 6Page - Texas Instruments TLC976C Datasheet HTML 7Page - Texas Instruments TLC976C Datasheet HTML 8Page - Texas Instruments TLC976C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
TLC976C
10-BIT, 20 MSPS, AREA CCD SIGNAL PROCESSOR
SLAS193 – OCTOBER 1998
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Correlated Double Sampling (CDS), AGC
and High Speed 10-Bit ADC in a Single
Package
D 5-V Analog Power Supply and 3.3-V Digital
Power Supply
D Power Down Mode
D 56-Pin TSSOP (DGG) Package with
Multichip Module Assembly for Isolation
CDS/AGC
D AGC Gain Range of 5 dB to 39 dB
D Black Level Clamp Circuit
D Direct Connection to ADC Input
D Voltage Reference for ADC
Analog-to-Digital Converter
D 10-Bit Resolution
D Maximum Conversion Rate...20 MSPS
(MIN)
D Differential Nonlinearity... 0.75 LSB (TYP)
D Analog Input Voltage Range of 2 Vp-p
D 3.3 V CMOS Digital Interface
Applications
D PC Camera
D Digital Camera
D Camcorder
D CCD Scanner
description
The TLC976 is a multichip module (MCM) subsystem designed for interfacing Charge-Coupled Device (CCD)
in camcorder and digital camera systems. The TLC976 includes correlated double sampler (CDS), automatic
gain control (AGC), black level clamp circuit, 10 bit, 20 MSPS analog-to-digital converter (ADC), and internal
reference voltage generator for ADC.
The CDS/AGC can be connected directly to the ADC input or a separate signal can be connected directly to
the ADC input. A power-down mode is provided.
Assembled using the MCM process, the TLC976 provides isolation between the noisy digital domain and the
noise sensitive analog signals. The CDS/PGA, black level clamps are on one die and the ADC is on a separate
die. The separate dies significantly reduce the substrate noise to the analog section.
The TLC976 comes in a 56-pin TSSOP package with 0,50 mm pin pitch. This is about 25% smaller than using
two separate 32-pin quad flat packs (QFP).
Copyright
© 1998, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
SHV
GND1
BLK-PULSE
OFFSET
VCC3
DRIVE-OUT
GND3
CDS-STBY
VRB-OUT
VRT-OUT
A-SUB
D-SUB
DVSS
D0
D1
D2
D3
D4
DVSS
DVDD
D5
D6
D7
D8
D9
RESET
DVSS
AVDD
SHR
VCC1
CLP2
DATA-IN
PIN
AGCGAIN
OBCLP
AGCCLP
SH-PULSE
GND2
VCC2
A-SUB
DVDD
AVSS
AVSS
VIN
D-SUB
AVSS
VRB-IN
VRB-IN
VRT-IN
VRT-IN
AVSS
AVDD
AVDD
AD-STBY
OE
CLK
DGG PACKAGE
(TOP VIEW)


Similar Part No. - TLC976C

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TLC-230666 AVX-TLC-230666 Datasheet
146Kb / 4P
Tantalum Solid Electrolytic Chip Capacitors Consumer Series
logo
Texas Instruments
TLC04 TI-TLC04 Datasheet
604Kb / 12P
BUTTERWORTH FOURTH-ORDER LOW-PASS SWITCHED-CAPACITOR FILTERS
TLC04 TI-TLC04 Datasheet
604Kb / 12P
BUTTERWORTH FOURTH-ORDER LOW-PASS SWITCHED-CAPACITOR FILTERS
TLC04/MF4A-50 TI1-TLC04/MF4A-50 Datasheet
367Kb / 14P
BUTTERWORTH FOURTH-ORDER LOW-PASS SWITCHED-CAPACITOR FILTERS
TLC04/MF4A-50 TI2-TLC04/MF4A-50 Datasheet
284Kb / 15P
BUTTERWORTH FOURTH-ORDER LOW-PASS SWITCHED-CAPACITOR FILTERS
REVISED MARCH 1995
More results

Similar Description - TLC976C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV987 TI-TLV987 Datasheet
262Kb / 20P
3-V 10-BIT 27 MSPS AREA CCD SENSOR SIGNAL PROCESSOR
TLV990 TI-TLV990 Datasheet
281Kb / 22P
3-V, 10-BIT, 28-MSPS AREA CCD AND VIDEO SIGNAL PROCESSOR
logo
Analog Devices
AD9840A AD-AD9840A Datasheet
162Kb / 16P
Complete 10-Bit 40 MSPS CCD Signal Processor
REV.0
AD9843A AD-AD9843A Datasheet
170Kb / 16P
Complete 10-Bit 20 MSPS CCD Signal Processor
REV.0
AD9844A AD-AD9844A Datasheet
169Kb / 16P
Complete 12-Bit 20 MSPS CCD Signal Processor
REV.0
logo
Texas Instruments
TLV990B TI-TLV990B Datasheet
291Kb / 22P
3-V, 10-BIT, 28-MSPS AREA CCD AND VIDEO SIGNAL PROCESSOR
logo
Analog Devices
AD9840AJSTZ AD-AD9840AJSTZ Datasheet
143Kb / 16P
Complete 10-Bit 40 MSPS CCD Signal Processor
REV. 0
AD9804 AD-AD9804_15 Datasheet
304Kb / 8P
Complete 10-Bit 18 MSPS CCD Signal Processor
REV. 0
AD9843A AD-AD9843A_15 Datasheet
162Kb / 16P
Complete 10-Bit 20 MSPS CCD Signal Processor
REV. 0
AD9844A AD-AD9844A_15 Datasheet
161Kb / 16P
Complete 12-Bit 20 MSPS CCD Signal Processor
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com