Electronic Components Datasheet Search
  English  ▼

X  

TLC976C Datasheet(PDF) 6 Page - Texas Instruments

Part # TLC976C
Description  10-BIT, 20 MSPS, AREA CCD SIGNAL PROCESSOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC976C Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLC976C Datasheet HTML 2Page - Texas Instruments TLC976C Datasheet HTML 3Page - Texas Instruments TLC976C Datasheet HTML 4Page - Texas Instruments TLC976C Datasheet HTML 5Page - Texas Instruments TLC976C Datasheet HTML 6Page - Texas Instruments TLC976C Datasheet HTML 7Page - Texas Instruments TLC976C Datasheet HTML 8Page - Texas Instruments TLC976C Datasheet HTML 9Page - Texas Instruments TLC976C Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
TLC976C
10-BIT, 20 MSPS, AREA CCD SIGNAL PROCESSOR
SLAS193 – OCTOBER 1998
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating junction temperature range,
AVCC = VCC1–3 = 4.75 V, DVDD = 3.3 V, VRT = 3.5 V, VRB = 1.5 V, Fs = 20 MSPS, TA = 25°C (unless
otherwise noted) (continued)
A/D converter
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Integral non-linearity
Fs = 20 MSPS,
VIN = 1.8 V – 3.8 V
±1.5
±2.5
LSB
Differential non-linearity
±0.75 ±1.25
LSB
Analog input capacitance
10
pF
Reference voltage output current
6.5
mA
Reference voltage output impedance
(VRT IN – VRB IN)
300
Ω
Zero scale offset error
20
mV
Full scale offset error
20
mV
High-level input current
DVDD = MAX,
VIH = DVDD
10
µA
Low-level input current
DVDD = MAX,
VIL = 0 V
10
µA
High-level output current
OE = GND,
VOH = DVDD – 0.5 V
DVDD = MIN,
3
mA
Low-level output current
OE = GND,
VOL = 0.4 V
DVDD = MIN,
5
mA
High-level output voltage
DVDD = 3 V – 5.25 V,
IOH = 2 mA
VDD–
0.7V
V
Low-level output voltage
DVDD = 3 V – 5.25 V,
IOL = 1 mA
0.8
V
High-level output leakage current
OE = DVDD,
VOH = DVDD
DVDD = MAX,
1
µA
Low-level output leakage current
OE = DVDD,
VOL = 0 V
DVDD = MIN,
1
µA
Automatic starting calibration voltage
DVDD–DGND
2.5
V
Automatic starting calibration voltage
VRT–VRB
1
V
A/D converter operating characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Sampling rate
VIN = 1.8 V – 3.8 V,
Fin = 1 kHz ramp
0.5
20
MSPS
Analog input bandwidth (– 3 dB)
10
MHz
Data output, propagation delay
CL = 20 pF
15
ns
Differential gain
NTSC 40 IRE mod ramp FS = 14 3 MSPS
1%
Differential phase
NTSC 40 IRE mod ramp, FS = 14.3 MSPS
0.3
Degree
Sampling delay time
5
ns
Signal to noise ratio
Fin = 1 MHz
55
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com